Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0223 Datasheet(PDF) 103 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 99Page - STMicroelectronics PM0223 Datasheet HTML 100Page - STMicroelectronics PM0223 Datasheet HTML 101Page - STMicroelectronics PM0223 Datasheet HTML 102Page - STMicroelectronics PM0223 Datasheet HTML 103Page - STMicroelectronics PM0223 Datasheet HTML 104Page - STMicroelectronics PM0223 Datasheet HTML 105Page - STMicroelectronics PM0223 Datasheet HTML 106Page - STMicroelectronics PM0223 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 110 page
background image
DocID025763 Rev 1
103/110
PM0223
STM32L0 Core Peripherals
108
If the region size is 32B, the ADDR field is bits [31:5] and there is no Reserved field.
The ADDR field
The ADDR field is bits[31:N] of the MPU_RBAR. The region size, as specified by the SIZE
field in the MPU_RASR, defines the value of N:
N = Log2(Region size in bytes),
If the region size is configured to 4GB, in the MPU_RASR, there is no valid ADDR field. In
this case, the region occupies the complete memory map, and the base address is
0x00000000
.
The base address must be aligned to the size of the region. For example, a 64KB region
must be aligned on a multiple of 64KB, for example, at 0x00010000 or 0x00020000.
4.5.5
MPU Region Attribute and Size Register
The MPU_RASR defines the region size and memory attributes of the MPU region specified
by the MPU_RNR, and enables that region and any subregions. See the register summary
in Table 34 on page 99 for its attributes.
The bit assignments are:
Bits N-1:5
Reserved, forced by hardware to 0.
Bit 4
VALID: MPU region number valid
Write:
0: MPU_RNR register not changed, and the processor:
Updates the base address for the region specified in the MPU_RNR
Ignores the value of the REGION field
1: the processor:
updates the value of the MPU_RNR to the value of the REGION field
updates the base address for the region specified in the REGION field.
Read:
Always read as zero.
Bits 3:0
REGION[3:0]: MPU region field
For the behavior on writes, see the description of the VALID field.
On reads, returns the current region number, as specified by the MPU_RNR register.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
XN
Reserv
ed
AP[2:0]
Reserved
S
C
B
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SRD[7:0]
Reserved
SIZE
EN
ABLE
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits 31:29
Reserved
Bit 28
XN: Instruction access disable bit:
0 = Instruction fetches enabled.
1 = Instruction fetches disabled.
Bit 27
Reserved, forced by hardware to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com