Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0223 Datasheet(PDF) 107 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 102Page - STMicroelectronics PM0223 Datasheet HTML 103Page - STMicroelectronics PM0223 Datasheet HTML 104Page - STMicroelectronics PM0223 Datasheet HTML 105Page - STMicroelectronics PM0223 Datasheet HTML 106Page - STMicroelectronics PM0223 Datasheet HTML 107Page - STMicroelectronics PM0223 Datasheet HTML 108Page - STMicroelectronics PM0223 Datasheet HTML 109Page - STMicroelectronics PM0223 Datasheet HTML 110Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 107 / 110 page
background image
DocID025763 Rev 1
107/110
PM0223
STM32L0 Core Peripherals
108
4.5.9
MPU design hints and tips
To avoid unexpected behavior, disable the interrupts before updating the attributes of a
region that the interrupt handlers might access.
When setting up the MPU, and if the MPU has previously been programmed, disable
unused regions to prevent any previous region settings from affecting the new MPU setup.
MPU configuration for a microcontroller
Usually, a microcontroller system has only a single processor and no caches. In such a
system, program the MPU as follows:
In most microcontroller implementations, the shareability and cache policy attributes do not
affect the system behavior. However, using these settings for the MPU regions can make
the application code more portable. The values given are for typical situations. In special
systems, such as multiprocessor designs or designs with a separate DMA engine, the
shareability attribute might be important. In these cases refer to the recommendations of the
memory device manufacturer.
Table 39. Memory region attributes for a microcontroller
Memory region
C
B
S
Memory type and attributes
Flash memory
1
0
0
Normal memory, Non-shareable, write-through.
Internal SRAM
1
0
1
Normal memory, Shareable, write-through.
External SRAM
1
1
1
Normal memory, Shareable, write-back, write-allocate.
Peripherals
0
1
1
Device memory, Shareable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com