Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0223 Datasheet(PDF) 104 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 100Page - STMicroelectronics PM0223 Datasheet HTML 101Page - STMicroelectronics PM0223 Datasheet HTML 102Page - STMicroelectronics PM0223 Datasheet HTML 103Page - STMicroelectronics PM0223 Datasheet HTML 104Page - STMicroelectronics PM0223 Datasheet HTML 105Page - STMicroelectronics PM0223 Datasheet HTML 106Page - STMicroelectronics PM0223 Datasheet HTML 107Page - STMicroelectronics PM0223 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 110 page
background image
STM32L0 Core Peripherals
PM0223
104/110
DocID025763 Rev 1
For information about access permission, see MPU access permission attributes on
page 104.
SIZE field values
The SIZE field defines the size of the MPU memory region specified by the MPU_RNR. as
follows:
(Region size in bytes) = 2(SIZE+1)
The smallest permitted region size is 256B, corresponding to a SIZE value of 7. Table 36
gives example SIZE values, with the corresponding region size and value of N in the
MPU_RBAR
.
4.5.6
MPU access permission attributes
This section describes the MPU access permission attributes. The access permission bits,
C, B, S, AP, and XN, of the MPU_RASR, control access to the corresponding memory
region. If an access is made to an area of memory without the required permissions, then
the MPU generates a permission fault.
Bits 26:24
AP[2:0]: Access permission field, see Table 38: AP encoding
Bits 23:19
Reserved, forced by hardware to 0.
Bit 18
S: Shareable bit see Table 37 on page 105
Bit 17
C: Cacheable bit see Table 38 on page 105
Bit 16
B: Bufferable bit, see Table 37 on page 105
Bits 15:8
SRD: Subregion disable bits.
For each bit in this field:
0 = Corresponding sub-region is enabled.
1 = Corresponding sub-region is disabled.
See Subregions on page 106 for more information.
Bits 7:6
Reserved, forced by hardware to 0.
Bits 5:1
SIZE: Size of the MPU protection region.
Specifies the size of the MPU region. The minimum permitted value is 7 (b00111). See SIZE
field values on page 104 for more information
Bit 0
ENABLE: Region enable bit(1).
1. The region enable bit of all regions is reset to 0. This enables you to only program regions you want enabled.
Table 36. Example SIZE field values
SIZE value
Region size
Value of N(1)
1. In the MPU_RBAR, see MPU Region Base Address Register on page 102.
Note
b00111 (7)
256B
8
Minimum permitted size.
b01001 (9)
1KB
10
-
b10011 (19)
1MB
20
-
b11101 (29)
1GB
30
-
b11111 (31)
4GB
32
Maximum possible size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com