Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0223 Datasheet(PDF) 105 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 101Page - STMicroelectronics PM0223 Datasheet HTML 102Page - STMicroelectronics PM0223 Datasheet HTML 103Page - STMicroelectronics PM0223 Datasheet HTML 104Page - STMicroelectronics PM0223 Datasheet HTML 105Page - STMicroelectronics PM0223 Datasheet HTML 106Page - STMicroelectronics PM0223 Datasheet HTML 107Page - STMicroelectronics PM0223 Datasheet HTML 108Page - STMicroelectronics PM0223 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 110 page
background image
DocID025763 Rev 1
105/110
PM0223
STM32L0 Core Peripherals
108
Table 37 shows the encodings for the C, B, and S access permission bits
.
Table 38 shows the AP encodings that define the access permissions for privileged and
unprivileged software
.
4.5.7
MPU mismatch
When an access violates the MPU permissions, the processor generates a HardFault.
4.5.8
Updating an MPU region
To update the attributes for an MPU region, update the MPU_RNR, MPU_RBAR and
MPU_RASR registers.
Updating an MPU region
Simple code to configure one region:
; R1 = region number
; R2 = size/enable
; R3 = attributes
; R4 = address
LDR R0,=MPU_RNR
; 0xE000ED98, MPU region number register
Table 37. C, B, and S encoding
C
B
S
Memory type
Shareability
Other attributes
0
0
-(1)
1. The MPU ignores the value of this bit.
Strongly-ordered
Shareable
-
1
-(1) Device
Shareable
-
1
0
0
Normal
Not shareable
Outer and inner write-through. No write allocate.
1
Shareable
1
0
Normal
Not shareable
Outer and inner write-back. No write allocate.
1
Shareable
Table 38. AP encoding
AP[2:0]
Privileged
permissions
Unprivileged
permissions
Description
000
No access
No access
All accesses generate a permission fault.
001
RW
No access
Access from privileged software only.
010
RW
RO
Writes by unprivileged software generate a permission
fault.
011
RW
RW
Full access.
100
Unpredictable Unpredictable
Reserved.
101
RO
No access
Reads by privileged software only.
110
RO
RO
Read only, by privileged or unprivileged software.
111
RO
RO
Read only, by privileged or unprivileged software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com