Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0223 Datasheet(PDF) 102 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 98Page - STMicroelectronics PM0223 Datasheet HTML 99Page - STMicroelectronics PM0223 Datasheet HTML 100Page - STMicroelectronics PM0223 Datasheet HTML 101Page - STMicroelectronics PM0223 Datasheet HTML 102Page - STMicroelectronics PM0223 Datasheet HTML 103Page - STMicroelectronics PM0223 Datasheet HTML 104Page - STMicroelectronics PM0223 Datasheet HTML 105Page - STMicroelectronics PM0223 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 110 page
background image
STM32L0 Core Peripherals
PM0223
102/110
DocID025763 Rev 1
Normally, you write the required region number to this register before accessing the
MPU_RBAR or MPU_RASR. However you can change the region number by writing to the
MPU_RBAR with the VALID bit set to 1, see MPU Region Base Address Register on
page 102. This write updates the value of the REGION field.
4.5.4
MPU Region Base Address Register
The MPU_RBAR defines the base address of the MPU region selected by the MPU_RNR,
and writes to this register can update the value of the MPU_RNR. See the register summary
in Table 35 on page 99 for its attributes.
Write MPU_RBAR with the VALID bit set to 1 to change the current region number and
update the MPU_RNR. The bit assignments are:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
76
5432
1
0
Reserved
REGION
Bits31:8
Reserved, must be kept cleared.
Bits 7:0
REGION Indicates the MPU region referenced by the MPU_RBAR and MPU_RASR registers.
The MPU supports 8 memory regions, so the permitted values of this field are 0-7.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
ADDR[31:N]...
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
....ADDR[31:N]
VALID
REGION[3:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits 31:N
ADDR[31:N]: Region base address field
The value of N depends on the region size.
For more information, see The ADDR field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com