Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 4Page - Linear Technology LTC1421 Datasheet HTML 5Page - Linear Technology LTC1421 Datasheet HTML 6Page - Linear Technology LTC1421 Datasheet HTML 7Page - Linear Technology LTC1421 Datasheet HTML 8Page - Linear Technology LTC1421 Datasheet HTML 9Page - Linear Technology LTC1421 Datasheet HTML 10Page - Linear Technology LTC1421 Datasheet HTML 11Page - Linear Technology LTC1421 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC1421/LTC1421-2.5
APPLICATIONS INFORMATION
Hot Circuit Insertion
When circuit boards are inserted into a live backplane, the
supply bypass capacitors on the board can draw huge
transient currents from the backplane power bus as they
charge up. The transient currents can cause permanent
damage to the connector pins and cause glitches on the
system supply, causing other boards in the system to
reset. At the same time, the system data bus can be
disrupted when the board’s data pins make or break
connection.
The LTC1421 is designed to turn a board’s supply voltages
on and off in a controlled manner, allowing the board to be
safely inserted or removed from a live backplane. The chip
also provides a disable signal for the board’s data bus
buffer during insertion or removal and provides all the
necessary supply supervisory functions for the board.
Power Supply Ramping
The power supplies on a board are controlled by placing
external N-channel pass transistors in the power path
(Figure 3). R1 and R2 provide current fault detection. By
ramping the gate of the pass transistor up at a controlled
rate, the transient surge current (I = C • dV/dt) drawn from
the main backplane supply can be limited to a safe value
when the board makes connection.
Figure 3: Supply Control Circuitry
23
110
5V
12V
2
R1
Q1
22
21
20
19
18
17
16
+
R2
Q2
C3
+
C4
VCCLO SETLO GATELO VOUTLO
LTC1421
1421 F03
VCCHI SETHI GATEHI VOUTHI
RAMP
CON1
CON2
CRAMP
VOUTHI
VOUTLO
When power is first applied to the chip, the gates of both
N-channels, GATELO and GATEHI are pulled low. After the
connection sense pins, CON1 and CON2 are both held low
for at least 20ms, a 20
µA reference current is connected
from the RAMP pin to GND. The voltage at GATEHI begins
to rise with a slope equal to 20
µA/CRAMP(Figure 4), where
CRAMP is an external capacitor connected between the
Figure 4. Supplies Turning On
12V
5V
1421 F4a
t1
t2
VOUTHI
VOUTLO
SLOPE = 20
µA/CRAMP
–12V
–12V
~1ms
0V
–12V
5V
CPON
9
B
R5
16k
5%
B
VEE
0V
~1ms
1421 F05
R4
20k
5%
C2
0.047
µF
C5
220
µF
VEE
–12V
1A
Q3
1/2 MMDF3N0HD
–12V FROM
CONNECTOR
CPON
LTC1421
Figure 5. Negative Supply Control
RAMP and GATEHI pins. The voltage at the GATELO pin is
clamped one Schottky diode drop below GATEHI.
The ramp time for each supply is equal to: t = (VCC)
(CRAMP)/20µA. During power down the gates are actively
pulled down by two internal NFETs.
A negative supply voltage can be controlled using the
CPON pin as shown in Figure 5.
When the board makes connection, the transistor Q3 is
turned off because it’s gate is pulled low to –12V by R4.
CPON is also pulled to –12V. When the charge pump is
turned on, CPON is pulled to VCCLO and the gate of Q3 will
ramp up with a time constant determined by R4, R5 and
C2. When the charge pump is turned off, CPON goes into
a high impedance state, the gate of Q3 is discharged to VEE
with a time constant determined by R4 and C2, and Q3
turns off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com