Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 5 Page - Linear Technology

  LTC1421 Datasheet HTML 1Page - Linear Technology LTC1421 Datasheet HTML 2Page - Linear Technology LTC1421 Datasheet HTML 3Page - Linear Technology LTC1421 Datasheet HTML 4Page - Linear Technology LTC1421 Datasheet HTML 5Page - Linear Technology LTC1421 Datasheet HTML 6Page - Linear Technology LTC1421 Datasheet HTML 7Page - Linear Technology LTC1421 Datasheet HTML 8Page - Linear Technology LTC1421 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC1421/LTC1421-2.5
TYPICAL PERFORMANCE CHARACTERISTICS
CPON Voltage vs Source Current
(Charge Pump On)
SOURCE CURRENT (mA)
0
0
1
2
3
4
5
– 0.5
– 1.0
– 1.5
– 2.0
1421 G10
– 2.5
– 3.0
VCCLO = 5V
VCCHI = 12V
ICCLO Supply Current
vs VCCLO Voltage
VCCLO VOLTAGE (V)
0
4
5
7
610
1421 G11
3
2
24
812
14
1
0
6
VCCHI = 12V
PIN FUNCTIONS
CON1 (Pin 1): TTL Level Input with a Pull-Up to VCCLO.
Together with CON2, it is used to indicate board connec-
tion. The pin must be tied to ground on the host side of the
connector. When using staggered connector pins, CON1
and CON2 must be the shortest and must be placed at
opposite corners of the connector. Board insertion is
assumed after CON1 and CON2 are both held low for 20ms
after power-up.
CON2 (Pin 2): TTL Level Input with a Pull-Up to VCCLO.
Together with CON1 it is used to indicate board connec-
tion.
POR (Pin 3): TTL Level Input with a Pull-Up to VCCLO.
When the pin is pulled low for at least 20ms, a hard reset
is generated. Both VOUTLO and VOUTHI will turn off at a
controlled rate. A power-up sequence will not start until
the POR pin is pulled high. If POR is pulled high before
VOUTLO and VOUTHI are fully discharged, a power-up
sequence will not begin until the voltage at VOUTLO and
VOUTHI are below VTRIP. The electronic circuit breaker will
be reset by pulling POR low.
FAULT (Pin 4): Open Drain Output to GND with a Weak
Pull-Up to VCCLO. The pin is pulled low when an overcur-
rent fault is detected at VOUTLO or VOUTHI.
DISABLE (Pin 5): CMOS Output. The signal is used to
disable the board’s data bus during insertion or removal.
PWRGD (Pin 6): Open Drain Output to GND with a Weak
Pull-Up to VCCLO. The pin is pulled low immediately after
VOUTLO falls below its reset threshold voltage. The pin is
pulled high immediately after VOUTLO rises above its reset
threshold voltage.
RESET (Pin 7): Open Drain Output to GND with a Weak
Pull-Up to VCCLO. The pin is pulled low when a reset
condition is detected. A reset will be generated when any
of the following conditions are met: Either CON1 or CON2
is high, POR is pulled low, VCCLO or VCCHI are below their
respective undervoltage lockout thresholds, PWRGD goes
low or an overcurrent fault is detected at VOUTLO or
VOUTHI. RESET will go high 200ms after PWRGD goes
high. On power failure, RESET will go low 32
µs after
PWRGD goes low.
REF (Pin 8): The Reference Voltage Output. VOUT = 1.232V
±1%. The reference can source up to 5mA of current. A
1
µF bypass capacitor is recommended.
CPON (Pin 9): CMOS Output That Can Be Pulled Below
Ground. CPON is pulled high when the internal charge
pumps for GATELO and GATEHI are turned on. CPON is
pulled low when the charge pumps are turned off. The pin
can be used to control an external MOSFET for a – 5V to
– 12V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com