Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 10Page - Linear Technology LTC1421 Datasheet HTML 11Page - Linear Technology LTC1421 Datasheet HTML 12Page - Linear Technology LTC1421 Datasheet HTML 13Page - Linear Technology LTC1421 Datasheet HTML 14Page - Linear Technology LTC1421 Datasheet HTML 15Page - Linear Technology LTC1421 Datasheet HTML 16Page - Linear Technology LTC1421 Datasheet HTML 17Page - Linear Technology LTC1421 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
LTC1421/LTC1421-2.5
APPLICATIONS INFORMATION
When CON1 and CON2 are both forced to ground for more
than 20ms, the LTC1421 assumes that the board is fully
connected to the host and power-up can begin. When
VCCLO and VCCHI exceed the 2.45V undervoltage lockout
threshold, the 20
µA current reference is connected from
RAMP to GND, the charge pumps are turned on and CPON
is forced high (time point 4). VOUTHI and VOUTLO begin to
ramp up. When VOUTLO exceeds the reset threshold volt-
age, PWRGD will immediately be forced high (time point
5). After a 200ms delay, RESET will be pulled high and
DISABLE will be pulled low, enabling the data bus (time
point 6).
Ground Sense Comparator
When POR is pulled low for more than 20ms, GATELO and
GATEHI are pulled to ground and VOUTLO and VOUTHI will
be discharged. If POR is pulled back high while VOUTLO
and VOUTHI are still ramping down, the discharge will
continue. When they drop below the VTRIP point, a power-
up sequence will begin automatically. The trip point poten-
tial for LTC1421 is set at 0.1V and 2.5V for LTC1421-2.5.
In applications, where either VOUTLO or VOUTHI might be
forced above 100mV before power-up, the LTC1421-2.5
should be used. This could occur when leakage through
the body diode of the logic chips keeps VOUTLO high or in
the case where logic lines are precharged.
In other applications, where outputs need to drop to near
ground potential before ramping up again to ensure proper
initial state for the logic chips, the LTC1421 should be
used.
Power-On Reset Timing
The POR input is used to completely cycle the power
supplies on the board or to reset the electronic circuit
breaker feature. The POR pin can be connected to a
grounded push button, toggle switch or a logic signal
from the host. When POR is pulled low for more than
20ms, a power-on reset sequence begins (Figure 15,
Figure 15. Power-On Reset Timing
VCCHI
12
3
4
5
6
7
VCCLO
DISABLE
FAULT
POR
CON1
CON2
VOUTLO
VOUTHI
CPON
VTH2
1421 F15
VTH1
20ms
200ms
32
µs
GATEHI
GATELO
RESET
PWRGD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com