Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 5Page - Linear Technology LTC1421 Datasheet HTML 6Page - Linear Technology LTC1421 Datasheet HTML 7Page - Linear Technology LTC1421 Datasheet HTML 8Page - Linear Technology LTC1421 Datasheet HTML 9Page - Linear Technology LTC1421 Datasheet HTML 10Page - Linear Technology LTC1421 Datasheet HTML 11Page - Linear Technology LTC1421 Datasheet HTML 12Page - Linear Technology LTC1421 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LTC1421/LTC1421-2.5
APPLICATIONS INFORMATION
PWRGD and RESET
The LTC1421 uses a 1.232V bandgap reference, internal
resistive divider and a precision voltage comparator to
monitor VOUTLO (Figure 6).
The reset threshold voltage for VOUTLO is determined by
the FB pin connection as summarized in Table 1.
When VOUTLO drops below its reset threshold, the com-
parator output goes high, and PWRGD is immediately
pulled low (time point 2). After a 32
µs delay, RESET is
pulled low. The RESET delay allows the PWRGD signal to
be used as an early warning that a reset is about to occur.
If the PWRGD signal is used as a interrupt input to a
microprocessor, a short power-down routine can be run
before the reset occurs.
If VOUTLO rises above the reset threshold for less than
200ms, the PWRGD output will trip, but the RESET output is
not affected (time point 3). If VOUTLO drops below the reset
threshold for less than 32
µs,thePWRGDoutputwilltrip,but
again the RESET output will not be affected (time point 5).
Voltage Comparator
The uncommitted voltage comparator (COMP2) can be
used to monitor output voltages other than VOUTLO. Figure
8a shows how the comparator can be used to monitor a
12V supply (VOUTHI), while the 5V supply (VOUTLO) gener-
ates a reset when it dips below 4.65V. When the 12V
supply drops below 10.8V, COMPOUT will pull low. The FB
pin is left floating.
Figure 8b shows how the comparator can be used to
monitor the 5V supply (VOUTHI) while the 3.3V supply
(VOUTLO) generates a reset when it dips below 2.9V. When
the 5V supply drops below 4.65V, COMPOUT will pull low.
The FB pin is tied to VOUTLO.
Figure 6. Supply Monitor Block Diagram
–
+
VCCLO
VCCLO
VOUTLO
FB
1421 F06
1.232V
20
µA
20
µA
26.7k
PWRGD
RESET
COMP1
RESET
TIMING
REF
73.5k
71.5k
VOUTLO
PWRGD
RESET
64
µs
V2
V2
V2
V2
V1
V1
V1
12
3
4
5
200ms
< 200ms
200ms
1421 F07
<64
µs
Table 1
FEEDBACK PIN
VOUTLO RESET VOLTAGE
Floating
4.65V
VOUTLO
2.90V
GND
5.88V
When the VOUTLO voltage rises above its reset threshold
voltage, the comparator output goes low, and PWRGD is
immediately pulled high to VCCLO by a weak pull-up
current source or external resistor (Figure 7, time points
1 and 4). After a 200ms delay, RESET is pulled high. The
weak pull-up current source to VCCLO on PWRGD and
RESET have a series diode so the pins can be pulled above
VCCLO by an external pull-up resistor without forcing
current back into VCCLO.
Figure 7. Power Monitor Waveforms
Figure 8a. Monitor 12V, Reset 5V at 4.65V
1421 F08a
10k
5%
107k
1%
13.7k
1%
5V
12V
–
+
–
+
VCCLO
VCCLO
1.232V
LTC1421
20
µA
20
µA
8
14
13
15
11
16
20
26.7k
COMP1
COMP2
RESET
TIMING
73.5k
107k
1%
6
7
71.5k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com