Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 3 Page - Linear Technology

  LTC1421 Datasheet HTML 1Page - Linear Technology LTC1421 Datasheet HTML 2Page - Linear Technology LTC1421 Datasheet HTML 3Page - Linear Technology LTC1421 Datasheet HTML 4Page - Linear Technology LTC1421 Datasheet HTML 5Page - Linear Technology LTC1421 Datasheet HTML 6Page - Linear Technology LTC1421 Datasheet HTML 7Page - Linear Technology LTC1421 Datasheet HTML 8Page - Linear Technology LTC1421 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LTC1421/LTC1421-2.5
ELECTRICAL CHARACTERISTICS V
CCHI = 12V, VCCLO = 5V, TA = 25°C unless otherwise noted (Note 2).
Note 3: After power-on reset, the VOUTLO and VOUTHI have to drop below the
VTRIP point before the charge pump is restarted.
Note 4: After power-on reset, the VOUTLO has to drop below the VTRIP point
before the charge pump is restarted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IRAMP
RAMP Pin Output Current
Charge Pump On, VRAMP = 0.4V
q
11
17
23
µA
ICP
Charge Pump Output Current
Charge Pump On, GATEHI = 0V
– 600
µA
GATELO = 0V
– 300
µA
∆VGATEHI GATEHI N-Channel Gate Drive
VGATEHI − VOUTHI
616
V
∆VGATELO GATELO N-Channel Gate Drive
VGATELO − VOUTLO
10
16
V
VAUXVCC
Auxiliary VCC Output Voltage
VCCLO = 5V, Unloaded
4.5
V
VIL
Input Low Voltage
CON1, CON2, POR
q
0.8
V
VIH
Input High Voltage
CON1, CON2, POR
q
2V
IIN
Input Current
CON1, CON2, POR = GND
q
–30
– 60
–90
µA
VOL
Output Low Voltage
RESET, COMPOUT, PWRGD, DISABLE, FAULT,
q
0.4
V
IO = 3mA
CPON, IO = 3mA
q
1.45
V
VOH
Output High Voltage
DISABLE, IO = – 3mA
q
4V
CPON, IO = – 1mA
q
3.4
V
IPU
Logic Output Pull-Up Current
RESET, PWRGD, FAULT = GND
– 15
µA
AC CHARACTERISTICS
t1
CON1 or CON2
↓to CPON↑
Figure 1, CL = 15pF
q
15
20
30
ms
t2
PWRGD
↑ to RESET↑
Figure 1, RL = 10k to VCCLO, CL = 15pF
160
200
240
ms
q
140
200
280
ms
t3
PWRGD
↑ to DISABLE↓
Figure 1, CL = 15pF
160
200
240
ms
q
140
200
280
ms
t4
POR
↓to CPON↓
Figure 1, CL = 15pF
q
15
20
30
ms
t5
PWRGD
↓to RESET↓
Figure 1, RL = 10k to VCCLO, CL = 15pF
32
µs
t6
POR
↑to CPON↑
Figure 1, CL = 15pF
50
ns
t7
CON1 or CON2
↑ to CPON↓
Figure 1, CL = 15pF
50
ns
t9
Short-Circuit Detect to FAULT
↓
Figure 1, RL = 10k to VCCLO, CL = 15pF
20
µs
VCCLO – SETLO = 0mV to 100mV
t10
Short-Circuit Detect to CPON
↓
Figure 2, CL = 15pF
20
µs
VCCLO – SETLO = 0mV to 100mV
t11
POR
↑ to FAULT↑
Figure 2, RL = 10k to VCCLO, CL = 15pF
20
ns
tCHL
Comparator High to Low
COMP – = 1.232V, 10mV Overdrive
q
0.25
0.5
µs
RL = 10k to VCCLO, CL = 15pF
tCLH
Comparator Low to High
COMP – = 1.232V, 10mV Overdrive
q
1
1.5
µs
RL = 10k to VCCLO, CL = 15pF
The q denotes specifications which apply over the full operating temperature
range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are reference to ground unless otherwise
specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com