Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 2Page - Linear Technology LTC1421 Datasheet HTML 3Page - Linear Technology LTC1421 Datasheet HTML 4Page - Linear Technology LTC1421 Datasheet HTML 5Page - Linear Technology LTC1421 Datasheet HTML 6Page - Linear Technology LTC1421 Datasheet HTML 7Page - Linear Technology LTC1421 Datasheet HTML 8Page - Linear Technology LTC1421 Datasheet HTML 9Page - Linear Technology LTC1421 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC1421/LTC1421-2.5
PIN FUNCTIONS
RAMP (Pin 10): Analog Power-Up Ramp Control Pin. By
connecting an external capacitor between the RAMP and
GATEHI, a positive linear voltage ramp on GATEHI and
GATELO is generated on power-up with a slope equal to
20
µA/CRAMP.
FB (Pin 11): Analog Feedback Input. FB is used to set the
reset threshold voltage on VCCLO. For a 5V supply leave FB
floating. For a 3.3V supply, short FB to VCCLO.
GND (Pin 12): Ground
COMP + (Pin 13): Noninverting Comparator Input.
COMP– (Pin 14): Inverting Comparator Input.
COMPOUT (Pin 15): Open Drain Comparator Output.
VOUTHI(Pin 16): High Supply Voltage Output. This must be
the higher of the two supply voltage outputs.
GATEHI (Pin 17): The High Side Gate Drive for the High
Supply N-Channel. An internal charge pump guarantees at
least 6V of gate drive. The slope of the voltage rise at
GATEHI is set by the external capacitor connected between
GATEHI and RAMP. When the circuit breaker trips, GATEHI
is immediately pulled to GND.
SETHI (Pin 18): The Circuit Breaker Set Pin for the High
Supply. With a sense resistor placed in the supply path
between VCCHI and SETHI, the circuit breaker will trip when
the voltage across the resistor exceeds 50mV for more
than 20
µs. To disable the circuit breaker, VCCHI and SETHI
should be shorted together.
VCCHI (Pin 19): The Positive Supply Input. This must be the
higher of the two input supply voltages. An undervoltage
lockout circuit disables the chip until the voltage at VCCHI
is greater than 2.45V.
VOUTLO(Pin 20): Low Supply Voltage Output. This must be
the lower of the two supply voltage outputs.
GATELO (Pin 21): The High Side Gate Drive for the Low
Supply N-Channel Pass Transistor. An internal charge
pump guarantees at least 10V of gate drive. The slope of
the voltage rise at GATELO is set by the external capacitor
connected between GATEHI and RAMP. When the circuit
breaker trips GATELO is immediately pulled to GND.
SETLO (Pin 22): The Circuit Breaker Set Pin for the Low
Supply. With a sense resistor placed in the supply path
between VCCLO and SETLO, the circuit breaker will trip
when the voltage across the resistor exceeds 50mV for
more than 20
µs. To disable the circuit breaker, VCCLO and
SETLO should be shorted together.
VCCLO (Pin 23): The Positive Supply Input. VCCLO must be
equal to or lower voltage than VCCHI. An undervoltage
lockout circuit disables the chip until the voltage at VCCLO
is greater than 2.45V.
AUXVCC (Pin 24): The supply input for the GATELO and
GATEHI discharge circuitry. Connect a 1
µF capacitor to
ground. AUXVCC is powered from VCCLO via an internal
Schottky diode and series resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com