Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 4 Page - Linear Technology

  LTC1421 Datasheet HTML 1Page - Linear Technology LTC1421 Datasheet HTML 2Page - Linear Technology LTC1421 Datasheet HTML 3Page - Linear Technology LTC1421 Datasheet HTML 4Page - Linear Technology LTC1421 Datasheet HTML 5Page - Linear Technology LTC1421 Datasheet HTML 6Page - Linear Technology LTC1421 Datasheet HTML 7Page - Linear Technology LTC1421 Datasheet HTML 8Page - Linear Technology LTC1421 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC1421/LTC1421-2.5
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
1.232
1.234
1.238
25
75
1421 G01
1.230
1.228
–25
0
50
100
125
1.226
1.224
1.236
VCCLO = 5V
VCCHI = 12V
Reference Voltage vs
Temperature
SOURCE CURRENT (mA)
0
1.235
1.240
1.245
8
1421 G03
1.230
1.225
1.220
2
4
6
10
VCCLO = 5V
VCCHI = 12V
Reference Voltage
vs Source Current
Gate Voltage vs Temperature
TEMPERATURE (
°C)
–50
21
22
24
25
75
1421 G02
20
19
–25
0
50
100
125
18
17
23
VCCLO = 5V
VCCHI = 12V
GATEHI
GATELO
GATELO Voltage vs VCCLO Voltage
VCCLO VOLTAGE (V)
0
20
22
26
610
1421 G04
18
16
24
812
14
14
12
24
VCCHI = 12V
GATEHI Voltage vs VCCHI Voltage
VCCHI VOLTAGE (V)
0
20
22
26
610
1421 G05
18
16
24
812
14
14
12
24
VCCLO = 5V
ICCLO Supply Current
vs Temperature
TEMPERATURE (
°C)
–50
1400
25
75
1421 G06
1300
–25
0
50
100
125
1200
1500
VCCLO = 5V
VCCHI = 12V
VOL vs ISINK
CPON Voltage vs Sink Current
(Charge Pump Off)
ICCHI Supply Current
vs Temperature
TEMPERATURE (
°C)
–50
540
25
75
1421 G07
530
–25
0
50
100
125
520
550
545
535
525
555
VCCLO = 5V
VCCHI = 12V
SINK CURRENT (mA)
0
0
100
200
300
400
500
FAULT
600
246
8
1421 G08
10
VCCLO = 5V
VCCHI = 12V
COMPOUT
PWRGD
RESET
SINK CURRENT (mA)
0
0
0.5
1.0
1.5
2.0
2.5
0.5
1.0
1.5
2.0
1421 G09
2.5
3.0
VCCLO = 5V
VCCHI = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com