Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 9Page - Linear Technology LTC1421 Datasheet HTML 10Page - Linear Technology LTC1421 Datasheet HTML 11Page - Linear Technology LTC1421 Datasheet HTML 12Page - Linear Technology LTC1421 Datasheet HTML 13Page - Linear Technology LTC1421 Datasheet HTML 14Page - Linear Technology LTC1421 Datasheet HTML 15Page - Linear Technology LTC1421 Datasheet HTML 16Page - Linear Technology LTC1421 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC1421/LTC1421-2.5
APPLICATIONS INFORMATION
signal is pulled high, turning off the switches. After the
board supply voltage ramps up and RESET goes high,
DISABLE will pull low enabling the switches.
Board Insertion Timing
When the board is inserted, GND pin makes contact first,
followed by VCCHI and VCCLO (Figure 14, time point 1).
DISABLE is immediately pulled high, so the data bus
switch is disabled. At the same time CON1 and CON2 make
contact and are shorted to ground on the host side (time
point 3). Since most boards need to be rocked back and
forth to get them in place, there is a period of time when
only one side of the connector is making contact. CON1
and CON2 should be located at opposite ends of the
connector.
Figure 14. Board Insertion Timing
can usually be prevented by using logic that does not
include the clamping diodes such as the QSI 74FCTT
family from Quality Semiconductor, or by using a data bus
switch such as the 10-bit QS3384 QuickSwitch also from
Quality Semiconductor (Tel: 408-450-8000). The
QuickSwitch bus switch contains an N-channel placed in
series with the data bus. The switch is turned off when the
board is inserted and then enabled after the power is
stable. The switch inputs and outputs do not have a
parasitic diode back to VCC and have very low capacitance.
The LTC1421 is designed to work directly with the
QuickSwitch bus switch as shown in Figure 13.
The DISABLE signal is connected to the enable pins of the
QS3384, and each switch is placed in series with a data
bus signal. When the board is inserted, the DISABLE
VCCLO
12
3
4
5
6
VCCHI
DISABLE
CON1
CON2
CPON
GATEHI
PWRGD
VTH1
1421 F14
VOUTHI
VOUTLO
GATELO
RESET
FAULT
POR
200ms
20ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com