Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 12Page - Linear Technology LTC1421 Datasheet HTML 13Page - Linear Technology LTC1421 Datasheet HTML 14Page - Linear Technology LTC1421 Datasheet HTML 15Page - Linear Technology LTC1421 Datasheet HTML 16Page - Linear Technology LTC1421 Datasheet HTML 17Page - Linear Technology LTC1421 Datasheet HTML 18Page - Linear Technology LTC1421 Datasheet HTML 19Page - Linear Technology LTC1421 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
LTC1421/LTC1421-2.5
APPLICATIONS INFORMATION
VCCLO
12
3
4
VCCHI
DISABLE
CON1
CON2
CPON
PWRGD
VTH2
1421 F17
VOUTHI
GATEHI
GATELO
VOUTLO
RESET
FAULT
POR
32
µs
Figure 17. Board Removal Timing
Board Removal Timing
When the board is removed from the host, the sequence
happens in reverse (Figure 17). Since CON1 and CON2 are
the shortest pins, they break connection first and are
internally pulled high (time point 1). The charge pumps are
turned off, CPON is pulled low. VOUTLO and VOUTHI are
actively pulled down. When VOUTLO falls below its reset
threshold (time point 2) PWRGD is pulled low. To allow
time for power fail information to be stored in nonvolatile
memory, the falling edge of RESET (time point 3) is
delayed by 32
µs from the falling edged of PWRGD.
Finally, the input supply pins VCCHI and VCCLO break
contact (time point 4). If staggered pins are not used, the
board may be powered down prior to removal by switch-
ing the POR pin to ground with a toggle switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com