Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 13Page - Linear Technology LTC1421 Datasheet HTML 14Page - Linear Technology LTC1421 Datasheet HTML 15Page - Linear Technology LTC1421 Datasheet HTML 16Page - Linear Technology LTC1421 Datasheet HTML 17Page - Linear Technology LTC1421 Datasheet HTML 18Page - Linear Technology LTC1421 Datasheet HTML 19Page - Linear Technology LTC1421 Datasheet HTML 20Page - Linear Technology LTC1421 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC1421/LTC1421-2.5
APPLICATIONS INFORMATION
5V Only Applications
The LTC1421 may be used in 5V only applications as shown
in Figure 18. A soft reset can be generated from the
backplane via an open-collector inverter driving the FB (Pin
11) or by a push button to ground. A hard power reset is
generated from the backplane via an open-collector inverter
driving the POR (Pin 3). A hard reset cycles the power on
the board or resets the electronic circuit breaker. The
comparator is used to monitor the board supply voltage and
will pull the POWERGOOD signal low as long as the supply
remains above 4.65V. Note that a soft reset will not affect
the POWERGOOD signal. The FAULT signal is also moni-
tored to determine that the circuit breaker has tripped.
– 48V and 24V Applications
The LTC1421 may be used in – 48V applications as shown
in Figure 19. The LTC1421 provides the hot insertion
protection, while the 5V supply is generated by a power
Figure 19. – 48V to 5V Hot Swappable Supply
10
7
14
13
8
2
24
15
1
LTC1421
16
Q1
MTB50N06E
C1
1
µF
C2
1
µF
R2
28k
1%
5V
17
18
19
20
21
22
59
6
3
S1
11
12
23
+
1421 F18
5V
5V
5V
POWERGOOD
FAULT
SOFT RESET
HARD RESET
R1
0.005
Ω
1W
R3
10.2k
1%
RESET
LOGIC
C2
2200
µF
10k
10k
1/6
LS7004
PC BOARD
BACKPLANE
Figure 18. 5V Only Application with Soft Reset
10
9
13
14
8
11
15
6
7
2
24
4
3
1
16
R4
300
Ω
1/8W
R3
56k
1/2W
Q2
MPSA06
Q1
IRFR9110
C1
1
µF
– 48V
17
18
19
20
21
22
5
12
23
+
C2
2.2
µF
25V
R1
5k
1W
D1
5V
+
C3
2.2
µF
25V
+
2
1
5
6
3
C4
100
µF
16V
5V
2A
+
C4
100
µF
100V
+
1421 F19
PC BOARD
BACKPLANE
– 48V
S1
– 48V
– 48V
R5
10k
1/2W
R6
400
Ω
1/8W
R2
15k
1/8W
ASTRODYNE
ASD 10-48S5
CONTROL
+IN
+OUT
–IN
– OUT
LTC1421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com