Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 1 Page - Linear Technology

  LTC1421 Datasheet HTML 1Page - Linear Technology LTC1421 Datasheet HTML 2Page - Linear Technology LTC1421 Datasheet HTML 3Page - Linear Technology LTC1421 Datasheet HTML 4Page - Linear Technology LTC1421 Datasheet HTML 5Page - Linear Technology LTC1421 Datasheet HTML 6Page - Linear Technology LTC1421 Datasheet HTML 7Page - Linear Technology LTC1421 Datasheet HTML 8Page - Linear Technology LTC1421 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1421/LTC1421-2.5
Hot Swap Controller
FEATURES
s
Allows Safe Board Insertion and Removal from a
Live Backplane
s
System Reset and Power Good Control Outputs
s
Programmable Electronic Circuit Breaker
s
User Programmable Supply Voltage Power-Up Rate
s
High Side Driver for Two External N-Channels
s
Controls Supply Voltages from 3V to 12V
s
Connection Inputs Detect Board Insertion or Removal
s
Undervoltage Lockout
s
Power-On Reset Input
DESCRIPTION
s
Hot Board Insertion
s
Electronic Circuit Breaker
APPLICATIONS
The LTC
®1421/LTC1421-2.5 are Hot SwapTM controllers
that allow a board to be safely inserted and removed from a
live backplane. Using external N-channel pass transistors,
the board supply voltages can be ramped up at a program-
mable rate. Two high side switch drivers control the N-
channel gates for supply voltages ranging from 3V to 12V.
A programmable electronic circuit breaker protects against
shorts. Warning signals indicate that the circuit breaker
has tripped, a power failure has occurred or that the switch
drivers are turned off. The reset output can be used to
generate a system reset when the power cycles or a fault
occurs. The two connect inputs can be used with stag-
gered connector pins to indicate board insertion or re-
moval. The power-on reset input can be used to cycle the
board power or clear the circuit breaker.
The trip point of the ground sense comparator is set at
0.1V for LTC1421 and 2.5V for LTC1421-2.5.
The LTC1421/LTC1421-2.5 are available in 24-pin SO and
SSOP packages.
TYPICAL APPLICATION
10
9
14
13
8
11
15
6
7
RAMP
CPON
COMP –
COMP +
REF
FB
COMPOUT
PWRGD
RESET
2
24
4
3
1
CON2
AUXVCC
FAULT
POR
CON1
VCCLO SETLO GATELO VOUTLO
LTC1421
GND
DISABLE
VCCHI SETHI GATEHI VOUTHI
16
C2
0.1
µF
C1
1
µF
R5
16k
5%
Q1
MTB50N06E
R1
0.005
Ω
17
18
19
20
21
22
5
12
23
R3
1k
D1
R6
20k
1%
C3
220
µF
R4
20k
5%
R7
7.15k
1%
Q2
1/2 Si4936DY
Q3
1/2 Si4936DY
C3
0.47
µF
R2
0.025
Ω
+
C5
220
µF
VEE
– 12V
1A
VDD
12V
1A
VCC
5V
5A
C4
220
µF
+
I/O
I/O
RESET
BEA
BEB
GND
1
13
12
µP
QS3384
QuickSwitch
®
QuickSwitch IS A REGISTERED TRADEMARK
OF QUALITY SEMICONDUCTOR CORPORATION.
1421 TA01
DATA BUS
PC BOARD
BACKPLANE
DATA
BUS
GND
POR
FAULT
VCC
VDD
VEE
VCC
1
µF
, LTC and LT are registered trademarks of Linear Technology Corporation.
Hot Swap is a trademark of Linear Technology Corporation.


Similar Part No. - LTC1421

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1421 LINER-LTC1421 Datasheet
278Kb / 24P
Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LTC1421 LINER-LTC1421 Datasheet
322Kb / 40P
Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
341Kb / 24P
Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
logo
Analog Devices
LTC1421 AD-LTC1421 Datasheet
650Kb / 22P
No RSENSE??Electronic Circuit Breaker
12/21-REV.A
More results

Similar Description - LTC1421

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
Hot Swap??Controller
logo
Linear Technology
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
Hot Swap Controller
LTC1422 LINER-LTC1422_15 Datasheet
203Kb / 16P
Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com