Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 16Page - Linear Technology LTC1421 Datasheet HTML 17Page - Linear Technology LTC1421 Datasheet HTML 18Page - Linear Technology LTC1421 Datasheet HTML 19Page - Linear Technology LTC1421 Datasheet HTML 20Page - Linear Technology LTC1421 Datasheet HTML 21Page - Linear Technology LTC1421 Datasheet HTML 22Page - Linear Technology LTC1421 Datasheet HTML 23Page - Linear Technology LTC1421 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LTC1421/LTC1421-2.5
APPLICATIONS INFORMATION
10
9
13
14
8
11
15
6
2
24
4
3
1
R1
0.005
Ω
1W
Q1
MTB50N06E
S1
LTC1421
FAULT
IRF530
16
C1
1
µF
17
18
19
20
21
22
57
12
23
2
1
5
6
3
C7
100
µF
16V
5V
8A
12V
0.42A
–12V
0.42A
+
1421 F24
ASTRODYNE
ASD10-48D12
CONTROL
+IN
+OUT
–IN
– OUT
C2
1
µF
C5
220
µF
100V
R3
340
Ω
1/8W
R4
10k
1/8W
R5
4.3k
1/8W
R6
15k
1/8W
C3
0.47
µF
R7
1k
1/8W
C4
2200
µF
16V
+
C6
100
µF
16V
+
PC BOARD
BACKPLANE
5V
– 48V
Q3
2N5401
Figure 24. 5V and – 48V to
±12V Hot Swappable Supply
10
7
8
14
13
15
1
24
3
2
12
LTC1421
16
Q3
VN2222
C2
0.1
µF
C1
1
µF
17
18
19
20
21
22
23
+
2200
µF
16V
+
100
Ω
1k
12
Ω
R1
0.005
Ω
1/2W
Q1
MTB50N06E
Q2
VN2222
S1
1421 F25
PC BOARD
BACKPLANE
5V
R4
10k
R3
47.5k
5V
8A
RESET
GND
µP
VCC
Figure 25. Hot Swappable 5V Supply with Overvoltage Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com