Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1417IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1417IGN
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1417IGN Datasheet HTML 4Page - Linear Technology LTC1417IGN Datasheet HTML 5Page - Linear Technology LTC1417IGN Datasheet HTML 6Page - Linear Technology LTC1417IGN Datasheet HTML 7Page - Linear Technology LTC1417IGN Datasheet HTML 8Page - Linear Technology LTC1417IGN Datasheet HTML 9Page - Linear Technology LTC1417IGN Datasheet HTML 10Page - Linear Technology LTC1417IGN Datasheet HTML 11Page - Linear Technology LTC1417IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
LTC1417
Load Circuits for Access Timing
Load Circuits for Output Float Delay
CONVST (Pin 13): Conversion Start Signal. This active
low signal starts a conversion on its falling edge.
BUSY (Pin 14): The BUSY output shows the converter
status. It is low when a conversion is in progress.
VSS (Pin 15): Negative Supply, –5V for Bipolar Operation.
Bypass to AGND using 10
µF tantalum in parallel with
0.1
µF ceramic. Analog ground for unipolar operation.
VDD (Pin 16): 5V Positive Supply. Bypass to AGND with
10
µF tantalum in parallel with 0.1µF ceramic.
PIN FUNCTIONS
TEST CIRCUITS
FUNCTIONAL BLOCK DIAGRA
1k
CL
DOUT
DGND
A) HI-Z TO VOH AND VOL TO VOH
CL
DOUT
1k
5V
B) HI-Z TO VOL AND VOH TO VOL
DGND
1417 TC01
1k
30pF
DOUT
A) VOH TO HI-Z
30pF
DOUT
1k
5V
B) VOL TO HI-Z
1417 TC02
14-BIT CAPACITIVE DAC
COMP
REF AMP
2.5V REF
8k
REFCOMP
(4.096V)
CSAMPLE
CSAMPLE
DOUT
BUSY
CONTROL LOGIC
CONVST
RD
CLKOUT
SHDN
INTERNAL
CLOCK
EXTCLKIN
MUX
ZEROING SWITCHES
SCLK
VDD
16
15
9
7
14
8
12
13
11
6
10
5
4
3
2
1
AIN
+
AIN
–
VREF
AGND
DGND
14
1417 BD
+
–
SUCCESSIVE APPROXIMATION
REGISTER
VSS
(0V FOR UNIPOLAR MODE
–5V FOR BIPOLAR MODE)
SHIFT REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com