Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1417IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1417IGN
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1417IGN Datasheet HTML 8Page - Linear Technology LTC1417IGN Datasheet HTML 9Page - Linear Technology LTC1417IGN Datasheet HTML 10Page - Linear Technology LTC1417IGN Datasheet HTML 11Page - Linear Technology LTC1417IGN Datasheet HTML 12Page - Linear Technology LTC1417IGN Datasheet HTML 13Page - Linear Technology LTC1417IGN Datasheet HTML 14Page - Linear Technology LTC1417IGN Datasheet HTML 15Page - Linear Technology LTC1417IGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
12
LTC1417
LT1360: 50MHz Voltage Feedback Amplifier. 3.8mA sup-
ply current,
±2.5V to ±15V supplies. High AVOL, 1mV
offset and 80ns settling to 1mV (4V step, inverting and
noninverting configurations) make it suitable for fast DC
applications. Excellent AC specifications. Dual and quad
versions are available as LT1361 and LT1362.
LT1468: 90MHz Voltage Feedback Amplifier.
±5V to ±15V
supplies. Lower distortion and noise. Settles to 0.01% in
770ns. Distortion is –115dB to 20kHz.
LT1498/LT1499: 10MHz, 6V/
µs, Dual/Quad Rail-to-Rail
Input and Output Op Amps. 1.7mA supply current per
amplifier. 2.2V to
±15V supplies. Good AC performance,
input noise voltage = 12nV/
√Hz (typ).
LT1630/LT1631: 30MHz, 10V/
µs, Dual/Quad Rail-to-Rail
Input and Output Precision Op Amps. 3.5mA supply
current per amplifier. 2.7V to
±15V supplies. Best AC
performance, input noise voltage = 6nV/
√Hz (typ),
THD = – 86dB at 100kHz.
LT1813: Dual 100MHz 750V/
µs 3mA VFA. 5V to ±5V
supplies. Distortion is – 86dB to 100kHz and – 77dB to
1MHz with
±5V supplies (2VP-P into 500Ω). Great part for
fast AC applications with
±5V supplies.
Input Filtering
The noise and the distortion of the input amplifier and
other circuitry must be considered since they will add to
the LTC1417 noise and distortion. The small-signal band-
width of the sample-and-hold circuit is 10MHz. Any noise
or distortion products that are present at the analog inputs
will be summed over this entire bandwidth. Noisy input
circuitry should be filtered prior to the analog inputs to
minimize noise. A simple 1-pole RC filter is sufficient for
many applications. For example, Figure 8 shows a 1000pF
APPLICATIONS INFORMATION
LinearView is a trademark of Linear Technology Corporation.
Figure 7. tACQ vs Source Resistance
SOURCE RESISTANCE (
Ω)
0.1
10
1
1
100
1k
10k
1417 F07
0.01
10
100
100k
Choosing an Input Amplifier
Choosing an input amplifier is easy if a few requirements
are taken into consideration. First, choose an amplifier that
has a low output impedance (<100
Ω) at the closed-loop
bandwidth frequency. For example, if an amplifier is used
in a gain of 1 and has a closed-loop bandwidth of 10MHz,
then the output impedance at 10MHz must be less than
100
Ω. The second requirement is that the closed-loop
bandwidth must be greater than 10MHz to ensure ad-
equate small-signal settling for full throughput rate. If
slower op amps are used, more settling time can be
provided by increasing the time between conversions.
The best choice for an op amp to drive the LTC1417 will
depend on the application. Generally, applications fall into
two categories: AC applications where dynamic specifica-
tions are most critical and time domain applications where
DC accuracy and settling time are most critical. The
following list is a summary of the op amps that are suitable
for driving the LTC1417. More detailed information is
available in the Linear Technology Databooks and on the
LinearView
TM CD-ROM.
LT
®1354: 12MHz, 400V/
µs Op Amp. 1.25mA maximum
supply current. Good AC and DC specifications. Suitable
for dual supply application.
LT1357: 25MHz, 600V/
µs Op Amp. 2.5mA maximum
supply current. Good AC and DC specifications. Suitable
for dual supply application.
Figure 8. RC Input Filter
LTC1417
AIN
+
AIN
–
VREF
REFCOMP
AGND
ANALOG INPUT
100
Ω
1417 F08
1
2
3
4
5
1000pF
10
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com