Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1417IGN Datasheet(PDF) 23 Page - Linear Technology

Part # LTC1417IGN
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417IGN Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC1417IGN Datasheet HTML 19Page - Linear Technology LTC1417IGN Datasheet HTML 20Page - Linear Technology LTC1417IGN Datasheet HTML 21Page - Linear Technology LTC1417IGN Datasheet HTML 22Page - Linear Technology LTC1417IGN Datasheet HTML 23Page - Linear Technology LTC1417IGN Datasheet HTML 24Page - Linear Technology LTC1417IGN Datasheet HTML 25Page - Linear Technology LTC1417IGN Datasheet HTML 26Page - Linear Technology LTC1417IGN Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
23
LTC1417
TYPICAL APPLICATIONS
Figure 21 shows the connections necessary for interfacing
the LTC1417 and LTC1391 8-channel signal acquisition
system to an SPI port. With the sample software routine
shown in Listing A, the SPI uses MOSI to send serial data
to the LTC1391 8-channel multiplexer, selecting one of
eight MUX channels.
While data is sent to the LTC1391, SPI uses MISO to
retrieve conversion data from the LTC1417. After the data
transfer is complete, the conversion start signal is sent to
the LTC1417. The end of conversion is signaled by a logic
high on the BUSY output. When this occurs, data is
exchanged between the LTC1417/LTC1391 and the
controller.
The timing diagram in Figure 22 shows the relation be-
tween MUX channel selection data and the conversion
data that are simultaneously exchanged. There is a two
conversion delay between the MUX data selects a given
channel and when that channel’s data is retrieved.
Figure 21. 0V to 4.096V, 8-Channel Data Acquisition System Configured
for Control and Data Retrieval by a 68HC11
µC. Code is Shown in Listing A
1417 F21
1
µF
10
µF
5V
10
µF
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1417
5V
5V
NC
NC
PORT C, BIT 7
PORT C, BIT 0
SS
MISO
MC68HC11
CLK
MOSI
AIN
+
AIN
–
VREF
REFCOMP
AGND
EXTCLKIN
SCLK
CLKOUT
VDD
VSS
BUSY
CONVST
RD
SHDN
DGND
DOUT
LTC1391
S0
S1
S2
S3
S4
S5
S6
S7
16
15
14
13
12
11
10
9
V +
D
V –
DOUT
DIN
CS
CLK
DGND
IN1
IN2
IN3
IN4
IN5
IN6
IN7
IN8
1
2
3
4
5
6
7
8
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com