Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1417IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1417IGN
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1417IGN Datasheet HTML 6Page - Linear Technology LTC1417IGN Datasheet HTML 7Page - Linear Technology LTC1417IGN Datasheet HTML 8Page - Linear Technology LTC1417IGN Datasheet HTML 9Page - Linear Technology LTC1417IGN Datasheet HTML 10Page - Linear Technology LTC1417IGN Datasheet HTML 11Page - Linear Technology LTC1417IGN Datasheet HTML 12Page - Linear Technology LTC1417IGN Datasheet HTML 13Page - Linear Technology LTC1417IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
LTC1417
Signal-to-Noise Ratio
The signal-to-noise plus distortion ratio [S/(N + D)] is the
ratio between the RMS amplitude of the fundamental input
frequency to the RMS amplitude of all other frequency
components at the A/D output. The output is band limited
to frequencies from above DC and below half the sampling
frequency. Figure 3b shows a typical spectral content with
a 400kHz sampling rate and a 200kHz input. The dynamic
performance is excellent for input frequencies up to and
beyond the Nyquist limit of 200kHz.
Figure 4. Effective Bits and Signal/(Noise + Distortion)
vs Input Frequency
APPLICATIONS INFORMATION
Figure 3a. LTC1417 Nonaveraged, 4096 Point FFT,
Input Frequency = 10kHz
Figure 3b. LTC1417 Nonaveraged, 4096 Point FFT,
Input Frequency = 200kHz
FREQUENCY (kHz)
0
100
50
0
–20
–40
–60
–80
–100
–120
150
1417 G07
200
fSAMPLE = 400kHz
fIN = 10.05859375kHz
SFDR = –97.44dB
SINAD = 81.71dB
FREQUENCY (kHz)
0
50
100
0
–20
–40
–60
–80
–100
–120
150
1417 G08
200
fSAMPLE = 400kHz
fIN = 197.949188kHz
SFDR = –98dB
SINAD = 81.1dB
Effective Number of Bits
The effective number of bits (ENOBs) is a measurement of
the resolution of an ADC and is directly related to the
S/(N + D) by the equation:
ENOB (N) = [S/(N + D) – 1.76]/6.02
where N is the effective number of bits of resolution and
S/(N + D) is expressed in dB. At the maximum sampling
rate of 400kHz, the LTC1417 maintains near ideal ENOBs
up to the Nyquist input frequency of 200kHz (refer to
Figure 4).
INPUT FREQUENCY (Hz)
4
6
8
10
12
10k
100k
1M
1417 TA02
2
1k
14
86
80
74
68
62
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the RMS
sum of all harmonics of the input signal to the fundamental
itself. The out-of-band harmonics alias into the frequency
band between DC and half the sampling frequency. THD is
expressed as:
THD
Log
VVV
Vn
V
=
++
+
20
23
4
1
22
2
2
...
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through Vn are the amplitudes of the
second through nth harmonics. THD vs Input Frequency is
shown in Figure 5. The LTC1417 has good distortion
performance up to the Nyquist frequency and beyond.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com