Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1417IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1417IGN
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1417IGN Datasheet HTML 10Page - Linear Technology LTC1417IGN Datasheet HTML 11Page - Linear Technology LTC1417IGN Datasheet HTML 12Page - Linear Technology LTC1417IGN Datasheet HTML 13Page - Linear Technology LTC1417IGN Datasheet HTML 14Page - Linear Technology LTC1417IGN Datasheet HTML 15Page - Linear Technology LTC1417IGN Datasheet HTML 16Page - Linear Technology LTC1417IGN Datasheet HTML 17Page - Linear Technology LTC1417IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
14
LTC1417
APPLICATIONS INFORMATION
Figure 11b. Offset and Full-Scale Adjust Circuit
If – 5V Is Available
Figure 11a. Offset and Full-Scale Adjust Circuit
If – 5V Is Not Available
R2
50k
ANALOG INPUT
1417 F11a
5V
R4
100
Ω
R3
24k
R7
48k
R6
24k
R1
50k
R5
47k
0.1
µF
10
µF
R8
100
Ω
1
2
3
4
5
LTC1417
AIN
+
AIN
–
VREF
REFCOMP
AGND V
SS
VDD
OFFSET
ADJ
FS
ADJ
ANALOG INPUT
1417 F11b
5V
–5V
–5V
R4
100
Ω
R2
50k
FS
ADJ
OFFSET
ADJ
R3
24k
R6
24k
R1
50k
R5
47k
0.1
µF
10
µF
1
2
3
4
5
LTC1417
AIN
+
AIN
–
VREF
REFCOMP
AGND V
SS
VDD
Unipolar Offset and Full-Scale Error Adjustment
In applications where absolute accuracy is important,
offset and full-scale errors can be adjusted to zero. Offset
error must be adjusted before full-scale error. Figures
11a and 11b show the extra components required for full-
scale error adjustment. Zero offset is achieved by adjust-
ing the offset applied to the AIN– input. For zero offset
error, apply 125
µV (i.e., 0.5LSB) at the input and adjust
the offset at the AIN– input until the output code flickers
between 0000 0000 0000 00 and 0000 0000 0000 01. For
full-scale adjustment, an input voltage of 4.095625V
(FS – 1.5LSBs) is applied to AIN+ and R2 is adjusted until
the output code flickers between 1111 1111 1111 10 and
1111 1111 1111 11.
Bipolar Offset and Full-Scale Error Adjustment
Bipolar offset and full-scale errors are adjusted in a
similar fashion to the unipolar case using the circuit in
Figure 11b. Again, bipolar offset error must be adjusted
before full-scale error. Bipolar offset error adjustment is
achieved by adjusting the offset applied to the AIN– input.
For zero offset error, apply – 125
µV (i.e., –0.5LSB) at AIN+
and adjust the offset at the AIN– input until the output code
flickers between 0000 0000 0000 00 and 1111 1111 1111
11. For full-scale adjustment, an input voltage of 2.047625V
(FS – 1.5LSBs) is applied to AIN+ and R2 is adjusted until
the output code flickers between 0111 1111 1111 10 and
0111 1111 1111 11.
BOARD LAYOUT AND GROUNDING
To obtain the best performance from the LTC1417, a
printed circuit board with ground plane is required. The
ground plane under the ADC area should be as free of
breaks and holes as possible, such that a low impedance
path between all ADC grounds and all ADC decoupling
capacitors is provided. It is critical to prevent digital noise
from being coupled to the analog input, reference or
analog power supply lines. Layout should ensure that
digital and analog signal lines are separated as much as
possible. In particular, care should be taken not to run any
digital track alongside an analog signal track.
An analog ground plane separate from the logic system
ground should be established under and around the ADC.
Pin 5 (AGND) and Pin 10 (DGND) and all other analog
grounds should be connected to this single analog ground
plane. The REFCOMP bypass capacitor and the VDD by-
pass capacitor should also be connected to this analog
ground plane. No other digital grounds should be con-
nected to this analog ground plane. Low impedance ana-
log and digital power supply common returns are essential
to low noise operation of the ADC and the foil width for
these tracks should be as wide as possible. In applications
where the ADC data outputs and control signals are
connected to a continuously active microprocessor bus, it
is possible to get errors in the conversion results. These
errors are due to feedthrough from the microprocessor to
the successive approximation comparator. The problem
can be eliminated by forcing the microprocessor into a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com