Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1417IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1417IGN
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1417IGN Datasheet HTML 3Page - Linear Technology LTC1417IGN Datasheet HTML 4Page - Linear Technology LTC1417IGN Datasheet HTML 5Page - Linear Technology LTC1417IGN Datasheet HTML 6Page - Linear Technology LTC1417IGN Datasheet HTML 7Page - Linear Technology LTC1417IGN Datasheet HTML 8Page - Linear Technology LTC1417IGN Datasheet HTML 9Page - Linear Technology LTC1417IGN Datasheet HTML 10Page - Linear Technology LTC1417IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
LTC1417
TYPICAL PERFOR A CE CHARACTERISTICS
VDD Supply Current vs
Temperature (Unipolar Mode)
AIN+ (Pin 1): Positive Analog Input.
AIN– (Pin 2): Negative Analog Input.
VREF (Pin 3): 2.50V Reference Output. Bypass to AGND
with 1
µF.
REFCOMP (Pin 4): 4.096V Reference Output. Bypass to
AGND using 10
µF tantalum in parallel with 0.1µF ceramic.
AGND (Pin 5): Analog Ground.
EXTCLKIN (Pin 6): External Conversion Clock Input. A 5V
input will enable the internal conversion clock.
SCLK (Pin 7): Data Clock Input.
CLKOUT (Pin 8): Conversion Clock Output.
DOUT (Pin 9): Serial Data Output.
DGND (Pin 10): Digital Ground.
SHDN (Pin 11): Power Shutdown Input. Low selects
shutdown. Shutdown mode selected by RD. RD = 0V for
Nap mode and RD = 5V for Sleep mode.
RD (Pin 12): Read Input. This enables the output drivers.
RD also sets the shutdown mode when SHDN goes low.
RD and SHDN low selects the quick wake-up Nap mode,
RD high and SHDN low selects Sleep mode.
VDD Supply Current vs Sampling
Frequency (Unipolar Mode)
VDD Supply Current vs
Temperature (Bipolar Mode)
VDD Supply Current vs Sampling
Frequency (Bipolar Mode)
VSS Supply Current vs
Temperature (Bipolar Mode)
VSS Supply Current vs Sampling
Frequency (Bipolar Mode)
PIN FUNCTIONS
(TA = 25°C)
TEMPERATURE (
°C)
–75
75
6
5
4
3
2
1
0
1417 G13
–50
150
–25
0
25
50
100 125
TEMPERATURE (
°C)
–75
75
6
5
4
3
2
1
0
1417 G14
–50
150
–25
0
25
50
100 125
TEMPERATURE (
°C)
–75
75
3.0
2.5
2.0
1.5
1.0
0.5
0
1417 G15
–50
150
–25
0
25
50
100 125
SAMPLING FREQUENCY (kHz)
050
3.0
4.0
5.0
400 450
1417 G16
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
100
200
150
300 350
250
500
SAMPLING FREQUENCY (kHz)
050
3.0
4.0
5.0
400 450
1417 G17
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
100
200
150
300 350
250
500
SAMPLING FREQUENCY (kHz)
050
1.5
2.0
2.5
400 450
1417 G18
1.0
0.5
0
100
200
150
300 350
250
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com