Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1417IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1417IGN
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417IGN Datasheet(HTML) 5 Page - Linear Technology

  LTC1417IGN Datasheet HTML 1Page - Linear Technology LTC1417IGN Datasheet HTML 2Page - Linear Technology LTC1417IGN Datasheet HTML 3Page - Linear Technology LTC1417IGN Datasheet HTML 4Page - Linear Technology LTC1417IGN Datasheet HTML 5Page - Linear Technology LTC1417IGN Datasheet HTML 6Page - Linear Technology LTC1417IGN Datasheet HTML 7Page - Linear Technology LTC1417IGN Datasheet HTML 8Page - Linear Technology LTC1417IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
LTC1417
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tH SCLK
SCLK High Time
(Note 9)
q
10
ns
tL SCLK
SCLK Low Time
(Note 9)
q
10
ns
tH EXTCLKIN
EXTCLKIN High Time
q
0.04
20
µs
tL EXTCLKIN
EXTCLKIN Low Time
q
0.04
20
µs
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to ground with DGND and
AGND wired together (unless otherwise noted).
Note 3: When these pin voltages are taken below VSS or above VDD, they
will be clamped by internal diodes. This product can handle input currents
greater than 100mA without latchup if the pin is driven below VSS (ground
for unipolar mode) or above VDD.
Note 4: When these pin voltages are taken below VSS they will be clamped
by internal diodes. This product can handle input currents greater than
100mA below VSS without latchup. These pins are not clamped to VDD.
Note 5: VDD = 5V, VSS = – 5V, fSAMPLE = 400kHz, tr = tf = 5ns unless
otherwise specified.
Note 6: Linearity, offset and full-scale specifications apply for a single-
ended AIN
+ input with AIN– grounded.
Note 7: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 8: Bipolar offset is the offset voltage measured from – 0.5LSB
when the output code flickers between 0000 0000 0000 00 and
1111 1111 1111 11.
Note 9: Guaranteed by design, not subject to test.
Note 10: Recommended operating conditions.
Note 11: The falling CONVST edge starts a conversion. If CONVST returns
high at a critical point during the conversion it can create small errors. For
best results ensure that CONVST returns high either within 625ns after
conversion start or after BUSY rises.
Note 12: Typical RMS noise at the code transitions. See Figure 2 for
histogram.
Note 13: t11 of 40ns maximum allows fSCLK up to 10MHz for rising
capture with 50% duty cycle. fSCLK up to 20MHz for falling capture with
5ns setup time.
TI I G CHARACTERISTICS The q indicates specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
TYPICAL PERFOR A CE CHARACTERISTICS
Typical INL Curve
Differential Nonlinearity
vs Output Code
S/(N + D) vs Input Frequency
and Amplitude
OUTPUT CODE
4096
0
–1.0
–0.5
0
0.5
1.0
8192
1417 G01
12288
16384
OUTPUT CODE
0
–1.0
– 0.5
0
0.5
1.0
4096
8192
1417 G02
12288
16384
(TA = 25°C)
INPUT FREQUENCY (Hz)
90
80
70
60
50
40
30
20
10
0
1k
100k
1M
1417 G03
10k
VIN = –60dB
VIN = 0dB
VIN = –20dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com