Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1417IGN Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1417IGN
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417IGN Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1417IGN Datasheet HTML 11Page - Linear Technology LTC1417IGN Datasheet HTML 12Page - Linear Technology LTC1417IGN Datasheet HTML 13Page - Linear Technology LTC1417IGN Datasheet HTML 14Page - Linear Technology LTC1417IGN Datasheet HTML 15Page - Linear Technology LTC1417IGN Datasheet HTML 16Page - Linear Technology LTC1417IGN Datasheet HTML 17Page - Linear Technology LTC1417IGN Datasheet HTML 18Page - Linear Technology LTC1417IGN Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
15
LTC1417
wait state during conversion or by using three-state buff-
ers to isolate the ADC data bus. The traces connecting the
pins and bypass capacitors must be kept short and should
be made as wide as possible.
The LTC1417 has differential inputs to minimize noise
coupling. Common mode noise on the AIN+ and AIN– leads
will be rejected by the input CMRR. The AIN– input can be
used as a ground sense for the AIN+ input; the LTC1417 will
hold and convert the difference voltage between AIN+ and
AIN–. The leads to AIN+ (Pin 1) and AIN– (Pin 2) should be
kept as short as possible. In applications where this is not
possible, the AIN+ and AIN– traces should be run side by
side to equalize coupling.
SUPPLY BYPASSING
High quality, low series resistance ceramic, 10
µF bypass
capacitors should be used at the VDD and REFCOMP pins.
Surface mount ceramic capacitors such as Taiyo Yuden
LMK325BJ106MN provide excellent bypassing in a small
board space. Alternatively 10
µF tantalum capacitors in
parallel with 0.1
µF ceramic capacitors can be used.
Bypass capacitors must be located as close to the pins as
possible. The traces connecting the pins and the bypass
capacitors must be kept short and should be made as wide
as possible.
APPLICATIONS INFORMATION
Example Layout
Figures 13a, 13b, 13c and 13d show the schematic and
layout of a suggested evaluation board. The layout demon-
strates the proper use of decoupling capacitors and ground
plane with a 2-layer printed circuit board.
POWER SHUTDOWN
The LTC1417 provides two power shutdown modes, Nap
and Sleep, to save power during inactive periods. The
Nap mode reduces ADC power dissipation by 80% and
leaves only the digital logic and reference powered up.
The wake-up time from Nap to active is 500ns (see Figure
14). In Sleep mode, all bias currents are shut down and
only leakage current remains— about 2
µA. Wake-up
time from Sleep mode is much slower since the reference
circuit must power up and settle to 0.005% for full 14-bit
accuracy. Sleep mode wake-up time is dependent on the
value of the capacitor connected to the REFCOMP (Pin 4).
The wake-up time is 30ms with the recommended 10
µF
capacitor. Shutdown is controlled by Pin 11 (SHDN); the
ADC is in shutdown when it is low. The shutdown mode
is selected with Pin 12 (RD); low selects Nap mode, high
selects Sleep mode.
Figure 12. Power Supply Grounding Practice
1417 F12
DIGITAL
SYSTEM
ANALOG
INPUT
CIRCUITRY
5
4
2
15
16
10
1
10
µF
3
1
µF10µF
10
µF
ANALOG GROUND PLANE
+
–
AIN
+
AGND
REFCOMP
VSS
VREF
VDD
LTC1417
DGND
AIN
–
Figure 14. SHDN to CONVST Wake-Up Timing
t1
SHDN
CONVST
1417 F14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com