Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1417IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1417IGN
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC1417IGN Datasheet HTML 1Page - Linear Technology LTC1417IGN Datasheet HTML 2Page - Linear Technology LTC1417IGN Datasheet HTML 3Page - Linear Technology LTC1417IGN Datasheet HTML 4Page - Linear Technology LTC1417IGN Datasheet HTML 5Page - Linear Technology LTC1417IGN Datasheet HTML 6Page - Linear Technology LTC1417IGN Datasheet HTML 7Page - Linear Technology LTC1417IGN Datasheet HTML 8Page - Linear Technology LTC1417IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
LTC1417
Low Power 14-Bit, 400ksps
Sampling ADC Converter
with Serial I/O
A 400kHz, 14-Bit Sampling A/D Converter in a Narrow 16-Lead SSOP Package
Effective Bits and Signal-to-(Noise + Distortion)
vs Input Frequency
The LTC
®1417 is a low power, 400ksps, 14-bit A/D con-
verter. This versatile device can operate from a single 5V or
±5V supplies. An onboard high performance sample-and-
hold, a precision reference and internal trimming minimize
external circuitry requirements. The low 20mW power
dissipation is made even more attractive with two user-
selectable power shutdown modes.
The LTC1417 converts 0V to 4.096V unipolar inputs when
using a 5V supply and
±2.048V bipolar inputs when using
±5V supplies. DC specs include ±1.25LSB INL, ±1LSB
DNL and no missing codes over temperature. Outstanding
AC performance includes 81dB S/(N + D) and 95dB THD
at a Nyquist input frequency of 200kHz.
The internal clock is trimmed for 2
µs maximum conver-
sion time. A separate convert start input and a data ready
signal (BUSY) ease connections to FIFOs, DSPs and
microprocessors.
s
16-Pin Narrow SSOP Package (SO-8 Footprint)
s
Sample Rate: 400ksps
s
±1.25LSB INL and ±1LSB DNL Max
s
Power Dissipation: 20mW (Typ)
s
Single Supply 5V or
±5V Operation
s
Serial Data Output
s
No Missing Codes Over Temperature
s
Power Shutdown: Nap and Sleep
s
External or Internal Reference
s
Differential High Impedance Analog Input
s
Input Range: 0V to 4.096V or
±2.048V
s
81dB S/(N + D) and – 95dB THD at Nyquist
s
High Speed Data Acquisition
s
Digital Signal Processing
s
Isolated Data Acquisition Systems
s
Audio and Telecom Processing
s
Spectrum Instrumentation
, LTC and LT are registered trademarks of Linear Technology Corporation.
FEATURES
DESCRIPTIO
APPLICATIO S
S/H
14
BUFFER
8k
10
µF
10
µF
REFCOMP
AIN
–
AIN
+
VREF
4.096V
5V
LTC1417
14-BIT ADC
SERIAL
PORT
DGND
10
15
5
3
4
2
1
1417 TA01
VSS
(0V OR – 5V)
AGND
EXTCLKIN
SCLK
CLKOUT
DOUT
VDD
16
TIMING AND
LOGIC
2.5V
REFERENCE
BUSY
RD
CONVST
SHDN
1
µF
6
7
8
9
14
12
13
11
INPUT FREQUENCY (Hz)
4
6
8
10
12
10k
100k
1M
1417 TA02
2
1k
14
86
80
74
68
62
EQUIVALE T BLOCK DIAGRA


Similar Part No. - LTC1417IGN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC1417 AD-LTC1417 Datasheet
752Kb / 26P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
Rev C
logo
Linear Technology
LTC1417 LINER-LTC1417_15 Datasheet
409Kb / 32P
Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
More results

Similar Description - LTC1417IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1416 LINER-LTC1416 Datasheet
506Kb / 20P
Low Power 14-Bit, 400ksps Sampling ADC
LTC1418 LINER-LTC1418 Datasheet
712Kb / 28P
Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
LTC2314-14 LINER-LTC2314-14 Datasheet
984Kb / 20P
14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC1416 LINER-LTC1416_15 Datasheet
335Kb / 20P
Low Power 14-Bit, 400ksps Sampling ADC
LTC2314-14 LINER-LTC2314-14_15 Datasheet
668Kb / 22P
14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC1417 LINER-LTC1417_15 Datasheet
409Kb / 32P
Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2313-14 LINER-LTC2313-14_15 Datasheet
1Mb / 22P
14-Bit, 2.5Msps Serial Sampling ADC in TSOT
LTC1418 LINER-LTC1418_15 Datasheet
480Kb / 30P
Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
LTC2312-14 LINER-LTC2312-14 Datasheet
626Kb / 22P
14-Bit, 500ksps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com