Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1417IGN Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1417IGN
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417IGN Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1417IGN Datasheet HTML 17Page - Linear Technology LTC1417IGN Datasheet HTML 18Page - Linear Technology LTC1417IGN Datasheet HTML 19Page - Linear Technology LTC1417IGN Datasheet HTML 20Page - Linear Technology LTC1417IGN Datasheet HTML 21Page - Linear Technology LTC1417IGN Datasheet HTML 22Page - Linear Technology LTC1417IGN Datasheet HTML 23Page - Linear Technology LTC1417IGN Datasheet HTML 24Page - Linear Technology LTC1417IGN Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
LTC1417
12 11 10 987654321
0
FILL
ZEROS
D13
t2
t3
123456789 10 11 12 13 14 15 16
Hi-Z
DATA N
Hi-Z
(SAMPLE N)
DOUT
EXTCLKIN = 5
CONVST
t10
tCONV
t5
HOLD
SAMPLE
t6
t7
t9
1417 F19
t8
BUSY
SCLK
RD
D11
D12
CAPTURE ON
RISING CLOCK
D13
t12
t11
tLSCLK
tHSCLK
SCLK
VIL
VOH
VOL
DOUT
CAPTURE ON
FALLING CLOCK
LTC1417
BUSY
CONVST
14
13
9
12
7
CONVST
RD
SCLK
DOUT
µP OR DSP
INT
C0
SCK
MISO
APPLICATIONS INFORMATION
Figure 19. Internal Conversion Clock Selected. Data Transferred After Conversion
Using an External SCLK. BUSY
↑ Indicates End of Conversion
MICROWIRE is a trademark of National Semiconductor Corporation.
Serial Data Output After a Conversion
Using an Internal Conversion Clock and an External Data
Clock. In this mode, data is output after the end of each
conversion and before the next conversion is started
(Figure 19). The internal clock is used as the conversion
clock and an external clock is used for the SCLK. This
mode is useful in applications where the processor acts as
a serial bus master device. This mode is SPI and
MICROWIRE
TM compatible. It also allows operation when
the SCLK frequency is very low (less than 30kHz). To
select the internal conversion clock, tie EXTCLKIN high.
The external SCLK is applied to SCLK. RD can be used to
gate the external SCLK, such that data will clock only after
RD goes low and to three-state DOUT after data transfer. If
more than 16 SCLKs are provided, more zeros will be filled
in after the data word indefinitely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com