Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1417IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1417IGN
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1417IGN Datasheet HTML 12Page - Linear Technology LTC1417IGN Datasheet HTML 13Page - Linear Technology LTC1417IGN Datasheet HTML 14Page - Linear Technology LTC1417IGN Datasheet HTML 15Page - Linear Technology LTC1417IGN Datasheet HTML 16Page - Linear Technology LTC1417IGN Datasheet HTML 17Page - Linear Technology LTC1417IGN Datasheet HTML 18Page - Linear Technology LTC1417IGN Datasheet HTML 19Page - Linear Technology LTC1417IGN Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
LTC1417
APPLICATIONS INFORMATION
Figure 13b. Suggested Evaluation
Circuit Board—Component Side Silkscreen
Figure 13c. Suggested Evaluation
Circuit Board—Component Side
Figure 13d. Suggested Evaluation
Circuit Board—Solder Side
Figure 13a. Suggested Evaluation Circuit Schematic
+
+AIN
–AIN
VREF
REFCOMP
AGND
EXTCLKIN
SCK
CLKOUT
VDD
VSS
BUSY
CONVST
RD
SHDN
DGND
DOUT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
U1
LTC1417CGN
–5A
5A
–5A
JP7
C8
10
µF
16V
C7
10
µF
16V
C6
1
µF
JP3
JP2
JP5A
JP6
5A
J8
CON7
J3
BNC
JP4
5A
R5
100k
JP5B
JP5C
JP1
C3
1000pF
50V
R2
10k
R1
10k
J1
BNC
J2
BNC
R4
75
Ω
R3
75
Ω
–
+
U3
LT1363CN8
C4
0.1
µF
C5
0.1
µF
3
7
4
8
1
5
OPTIONAL
66
2
–
+
U4
LT1363CS8
3
7
4
8
1
5
2
5A
C1
0.1
µF
C2
0.1
µF
C12
0.1
µF
BYPASS CAPACITOR FOR U2
5A
18
U2A
TC74HCT244AF
2
19
1
C9
10
µF
16V
E3
–5V
–5A
C11
10
µF
16V
+
17
U2B
3
19
1
15
U2D
5
19
1
13
U2F
7
19
1
11
U2H
9
19
1
16
U2C
4
19
1
14
U2E
6
19
1
12
U2G
8
19
1
1
2
3
4
5
6
7
BUSY
RD
SCLK
CLKOUT
EXTCLKIN
R8
100k
R6
100k
R7
100k
1417 F13a
E1
5V
5A
AGND DGND
C10
10
µF
16V
+
E2
GND
DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com