Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1417IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1417IGN
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1417IGN Datasheet HTML 16Page - Linear Technology LTC1417IGN Datasheet HTML 17Page - Linear Technology LTC1417IGN Datasheet HTML 18Page - Linear Technology LTC1417IGN Datasheet HTML 19Page - Linear Technology LTC1417IGN Datasheet HTML 20Page - Linear Technology LTC1417IGN Datasheet HTML 21Page - Linear Technology LTC1417IGN Datasheet HTML 22Page - Linear Technology LTC1417IGN Datasheet HTML 23Page - Linear Technology LTC1417IGN Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
20
LTC1417
Using External Clock for Conversion and Data Transfer.
In Figure 18, data from the previous conversion is output
during the conversion with an external clock providing
both the conversion clock and the shift clock. To select an
external conversion clock, apply the clock to EXTCLKIN.
The same clock is also applied to SCLK to provide a data
APPLICATIONS INFORMATION
Figure 18. External Conversion Clock Selected. Data Transferred During Conversion Using
the External Clock (External Clock Drives Both EXTCLKIN and SCLK)
shift clock. To maintain conversion accuracy, the external
clock frequency must be between 50kHz and 9MHz.
Using an external clock to transfer data while an internal
clock controls the conversion process is not recom-
mended. As both signals are asynchronous, clock noise
can corrupt the conversion result.
D12
D11
D11
D12
CAPTURE ON
RISING CLOCK
D13
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
FILL
ZEROS
D13
1
t2
t3
t7
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
D13
D13
D12
D11
Hi-Z
Hi-Z
DATA N
DATA (N – 1)
(SAMPLE N)
(SAMPLE N + 1)
DOUT
EXTCLKIN (= SCLK)
CONVST
t10
tCONV
t5
SAMPLE
HOLD
HOLD
tdEXTCLKIN
t4
t8
1417 F18
BUSY (= RD)
t12
t11
tLEXTCLKIN
tHEXTCLKIN
EXTCLKIN
(= SCLK)
VIL
VOH
VOL
DOUT
CAPTURE ON
FALLING CLOCK
LTC1417
BUSY (= RD)
EXTCLKIN ( = SCLK)
BUSY
CONVST
CONVST
RD
EXTCLKIN
SCLK
DOUT
DOUT
9
14
13
7
6
12
µP OR DSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com