Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1624CS Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1624CS
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1624CS Datasheet HTML 4Page - Linear Technology LTC1624CS Datasheet HTML 5Page - Linear Technology LTC1624CS Datasheet HTML 6Page - Linear Technology LTC1624CS Datasheet HTML 7Page - Linear Technology LTC1624CS Datasheet HTML 8Page - Linear Technology LTC1624CS Datasheet HTML 9Page - Linear Technology LTC1624CS Datasheet HTML 10Page - Linear Technology LTC1624CS Datasheet HTML 11Page - Linear Technology LTC1624CS Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
LTC1624
Step-Down Converter: Power MOSFET Selection
One external N-channel power MOSFET must be selected
for use with the LTC1624 for the top (main) switch.
The peak-to-peak gate drive levels are set by the INTVCC
voltage. This voltage is typically 5V. Consequently, logic
level threshold MOSFETs must be used in most LTC1624
applications. If low input voltage operation is expected
(VIN < 5V) sublogic level threshold MOSFETs should be
used. Pay close attention to the BVDSS specification for the
MOSFETs as well; many of the logic level MOSFETs are
limited to 30V or less.
Selection criteria for the power MOSFET include the “ON”
resistance RDS(ON), reverse transfer capacitance CRSS,
input voltage and maximum output current. When the
LTC1624 is operating in continuous mode the duty cycle
for the top MOSFET is given by:
Main
V
VV
D
IN
D
Switch Duty Cycle =
VOUT +
+
The MOSFET power dissipation at maximum output
current is given by:
P
VV
VV
I
kV
I
C
f
MAIN
OUT
D
IN
D
MAX
IN
MAX
RSS
=
+
+
() +
()
+
() ( )( )( )
()
2
185
1
δ RDS ON
.
where
δ is the temperature dependency of RDS(ON) and k
is a constant inversely related to the gate drive current.
MOSFETs have I2R losses, plus the PMAIN equation
includes an additional term for transition losses that are
highest at high output voltages. For VIN < 20V the high
current efficiency generally improves with larger MOSFETs,
while for VIN > 20V the transition losses rapidly increase to
the point that the use of a higher RDS(ON) device with lower
CRSS actual provides higher efficiency. The diode losses
are greatest at high input voltage or during a short circuit
when the diode duty cycle is nearly 100%.
The term (1+
δ)isgenerallygivenforaMOSFETintheform
of a normalized RDS(ON) vs Temperature curve, but
δ = 0.005/°C can be used as an approximation for low
voltage MOSFETs. CRSS is usually specified in the MOSFET
APPLICATIONS INFORMATION
characteristics. The constant k = 2.5 can be used to
estimate the contributions of the two terms in the PMAIN
dissipation equation.
Step-Down Converter: Output Diode Selection (D1)
The Schottky diode D1 shown in Figure 1 conducts during
the off-time. It is important to adequately specify the diode
peak current and average power dissipation so as not to
exceed the diode ratings.
The most stressful condition for the output diode is under
short circuit (VOUT = 0V). Under this condition, the diode
must safely handle ISC(PK) at close to 100% duty cycle.
Under normal load conditions, the average current con-
ducted by the diode is simply:
II
VV
VV
DIODE AVG
LOAD AVG
IN
OUT
IN
D
()
()


=
−
+
Remember to keep lead lengths short and observe proper
grounding (see Board Layout Checklist) to avoid ringing
and increased dissipation.
The forward voltage drop allowable in the diode is calcu-
lated from the maximum short-circuit current as:
V
P
I
VV
V
D
D
SC AVG
IN
D
IN
≈
+


()
where PD is the allowable diode power dissipation and will
be determined by efficiency and/or thermal requirements
(see Efficiency Considerations).
Step-Down Converter: CIN and COUT Selection
In continuous mode the source current of the top
N-channel MOSFET is a square wave of approximate duty
cycle VOUT/VIN. To prevent large voltage transients, a low
ESR input capacitor sized for the maximum RMS current
must be used. The maximum RMS capacitor current is
given by:
CI
VV
V
V
IN
MAX
OUT
IN
OUT
IN
Required IRMS ≈
−
()
[]12/
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst-case condition is com-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com