Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1624CS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1624CS
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624CS Datasheet(HTML) 5 Page - Linear Technology

  LTC1624CS Datasheet HTML 1Page - Linear Technology LTC1624CS Datasheet HTML 2Page - Linear Technology LTC1624CS Datasheet HTML 3Page - Linear Technology LTC1624CS Datasheet HTML 4Page - Linear Technology LTC1624CS Datasheet HTML 5Page - Linear Technology LTC1624CS Datasheet HTML 6Page - Linear Technology LTC1624CS Datasheet HTML 7Page - Linear Technology LTC1624CS Datasheet HTML 8Page - Linear Technology LTC1624CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LTC1624
TG (Pin 6): High Current Gate Drive for Top N-Channel
MOSFET. This is the output of a floating driver with a
voltage swing equal to INTVCC superimposed on the
switch node voltage SW.
BOOST (Pin 7): Supply to Topside Floating Driver. The
bootstrap capacitor CB is returned to this pin. Voltage
swing at this pin is from INTVCC to VIN + INTVCC in step-
down applications. In non step-down topologies the volt-
age at this pin is constant and equal to INTVCC if SW = 0V.
VIN (Pin 8): Main Supply Pin and the (+) Input to the
Current Comparator. Must be closely decoupled to ground.
PIN FUNCTIONS
(Refer to Functional Diagram)
OPERATIO
Main Control Loop
The LTC1624 uses a constant frequency, current mode
architecture. During normal operation, the top MOSFET is
turned on each cycle when the oscillator sets the RS latch
and turned off when the main current comparator I1 resets
the RS latch. The peak inductor current at which I1 resets
the RS latch is controlled by the voltage on the ITH/RUN
pin, which is the output of error amplifier EA. The VFB pin,
described in the pin functions, allows EA to receive an
output feedback voltage from an external resistive divider.
When the load current increases, it causes a slight
decrease in VFB relative to the 1.19V reference, which in
turn causes the ITH/RUN voltage to increase until the
average inductor current matches the new load current.
While the top MOSFET is off, the internal bottom MOSFET
is turned on for approximately 300ns to 400ns to recharge
the bootstrap capacitor CB.
The top MOSFET driver is biased from the floating boot-
strap capacitor CB that is recharged during each off cycle.
The dropout detector counts the number of oscillator
cycles that the top MOSFET remains on and periodically
forces a brief off period to allow CB to recharge.
The main control loop is shut down by pulling the ITH/RUN
pin below its 1.19V clamp voltage. Releasing ITH/RUN
allows an internal 2.5
µA current source to charge com-
pensation capacitor CC. When the ITH/RUN pin voltage
reaches 0.8V the main control loop is enabled with the ITH/
RUN voltage pulled up by the error amp. Soft start can be
implemented by ramping the voltage on the ITH/RUN pin
from 1.19V to its 2.4V maximum (see Applications Infor-
mation section).
Comparator OV guards against transient output over-
shoots >7.5% by turning off the top MOSFET and keeping
it off until the fault is removed.
Low Current Operation
The LTC1624 is capable of Burst Mode operation in which
the external MOSFET operates intermittently based on
load demand. The transition to low current operation
begins when comparator B detects when the ITH/RUN
voltage is below 1.5V. If the voltage across RSENSE does
not exceed the offset of I2 (approximately 20mV) for one
full cycle, then on following cycles the top and internal
bottom drives are disabled. This continues until the ITH
voltage exceeds 1.5V, which causes drive to be returned to
the TG pin on the next cycle.
INTVCC Power/Boost Supply
Power for the top and internal bottom MOSFET drivers is
derived from VIN. An internal regulator supplies INTVCC
power. To power the top driver in step-down applications
an internal high voltage diode recharges the bootstrap
capacitor CB during each off cycle from the INTVCC supply.
A small internal N-channel MOSFET pulls the switch node
(SW) to ground each cycle after the top MOSFET has
turned off ensuring the bootstrap capacitor is kept fully
charged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com