Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1624CS Datasheet(PDF) 26 Page - Linear Technology

Part # LTC1624CS
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624CS Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC1624CS Datasheet HTML 20Page - Linear Technology LTC1624CS Datasheet HTML 21Page - Linear Technology LTC1624CS Datasheet HTML 22Page - Linear Technology LTC1624CS Datasheet HTML 23Page - Linear Technology LTC1624CS Datasheet HTML 24Page - Linear Technology LTC1624CS Datasheet HTML 25Page - Linear Technology LTC1624CS Datasheet HTML 26Page - Linear Technology LTC1624CS Datasheet HTML 27Page - Linear Technology LTC1624CS Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
LTC1624
TYPICAL APPLICATIONS
SENSE–
ITH/RUN
VFB
GND
VIN
BOOST
TG
SW
LTC1624
C4
100pF
CIN1, CIN2
22
µF
35V
× 2
VIN
13V TO
28V
+VIN
D1
MBRS340
CB
0.1
µF
C10
0.1
µF
C11
0.1
µF
C12
1
µF
C9
100pF
C13
0.1
µF
+VIN
C5, 0.1
µF
8
7
6
5
1
2
3
4
RSENSE
0.033
Ω
R1
3.92k
R6
10k
R7
56k
R8
1M
CURRENT
ADJ
R2
35.7k
RC
10k
CC
330pF
M1
COUT
100
µF
16V
× 2
L1
27
µH
R4
0.025
Ω
VOUT
12V
3A
1624 F21
CIN1, CIN2 = KEMET T495X226M035AS
L1 = SUMIDA CDRH127-270
RSENSE = IRC LR2010-01-R033-F
R4 = IRC LR2010-01-R025-F
M1 = SILICONIX Si4412DY
Q2 = MOTOROLA MMBT A14
C14, 0.01
µF
+
SENSE
IOUT
GND
–IN
AVE
PROG
VCC
+IN
1
2
3
4
8
7
6
5
LTC1620
OUT
NC/ADJ
GND
NC
IN
NC
NC
SHDN
1
2
3
4
8
7
6
5
LT1121-5
+
Q2
Figure 21. 12V/3A Adjustable Current Power Supply for Battery Charger or Current Source Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com