Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1624CS Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1624CS
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624CS Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1624CS Datasheet HTML 12Page - Linear Technology LTC1624CS Datasheet HTML 13Page - Linear Technology LTC1624CS Datasheet HTML 14Page - Linear Technology LTC1624CS Datasheet HTML 15Page - Linear Technology LTC1624CS Datasheet HTML 16Page - Linear Technology LTC1624CS Datasheet HTML 17Page - Linear Technology LTC1624CS Datasheet HTML 18Page - Linear Technology LTC1624CS Datasheet HTML 19Page - Linear Technology LTC1624CS Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
LTC1624
APPLICATIONS INFORMATION
identical voltages are applied to L1 and L2 throughout the
switching cycle. By making L1 = L2 and wound on the
same core the input ripple is reduced along with cost and
size. All SEPIC applications information that follows
assumes L1 = L2 = L.
SEPIC Converter: Power MOSFET Selection
One external N-channel power MOSFET must be selected
for use with the LTC1624 for the switch. As in boost
applications the source of the power MOSFET is grounded
along with the SW pin. The peak-to-peak gate drive levels
are set by the INTVCC voltage. This voltage is equal to
approximately 5V for VIN > 5.6V and a logic level MOSFET
can be used. At VIN voltages below 5V the INTVCC voltage
is equal to VIN – 0.6V and a sublogic level MOSFET should
be used.
Selection criteria for the power MOSFET include the “ON”
resistance RDS(ON), reverse transfer capacitance CRSS,
input voltage and maximum output current. When the
LTC1624 is operating in continuous mode the duty cycle
for the MOSFET is given by:
Main Switch Duty Cycle =
VV
VV
V
OUT
D
IN
OUT
D
+
++
The MOSFET power dissipation and maximum switch
current at maximum output current are given by:
P
I
VV
VV
V
R
k V
V
I
C
kHz
where
I
I
VV
V
MAIN
SW MAX
OUT
D
IN MIN
OUT
D
DS ON
IN MIN
OUT
SW MAX
RSS
SW MAX
OUT MAX
OUT
D
IN MIN
=
+
++
+
()
+
+
()(
)
=
+
+
()
()
()
()
( )
()
()
()
2
185
1
200
1
δ
.

δ is the temperature dependency of RDS(ON) and k is a
constant inversely related to the gate drive current. The
peak switch current is ISW(MAX) + ∆IL.
MOSFETs have I2R losses plus the PMAIN equation
includes an additional term for transition losses that are
highest at high total input plus output voltages. For
(VIN + VOUT) < 20V the high current efficiency generally
improves with larger MOSFETs, while for (VIN + VOUT) >
20V the transition losses rapidly increase to the point that
the use of a higher RDS(ON) device with lower CRSS actual
provides higher efficiency. For additional information refer
to the Step-Down Converter: Power MOSFET Selection in
the Applications Information section.
SEPIC Converter: Inductor Selection
For most applications the equal inductor values will fall in
the range of 10
µH to 100µH. Higher values reduce the
input ripple voltage and reduce core loss. Lower inductor
values are chosen to reduce physical size and improve
transient response.
Like the boost converter the input current of the SEPIC
converter is calculated at full load current. Peak inductor
current can be significantly higher than output current,
especially with smaller inductors and lighter loads. The
following formula assumes continuous mode operation
and calculates maximum peak inductor current at mini-
mum VIN:
I
I
L1 PEAK
L2 PEAK
()
( ) ()
()
( )
()
()
=
+
=
+
+
I
V
V
I
I
VV
V
I
OUT MAX
OUT
IN MIN
L
OUT MAX
IN MIN
D
IN MIN
L
∆
∆
1
2
2
2
The ripple current in the inductor (
∆IL) is typically 20% to
30% of the peak current occuring at VIN(MIN) and IOUT(MAX),
and
∆IL1 = ∆IL2. Maximum ∆IL occurs at maximum VIN.
∆I
VV
V
kHz L V
V
V
L
IN
OUT
D
IN
OUT
D
P-P
()=
() +
()
()( ) ++
()
200
By making L1 = L2 and wound on the same core
the value
of inductance in all the above equations are replaced by
2L due to their mutual inductance. Doing this maintains
the same ripple current and inductive energy storage in the
inductors. For example a Coiltronix CTX10-4 is a 10
µH
inductor with two windings. With the windings in parallel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com