Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1624CS Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1624CS
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624CS Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1624CS Datasheet HTML 13Page - Linear Technology LTC1624CS Datasheet HTML 14Page - Linear Technology LTC1624CS Datasheet HTML 15Page - Linear Technology LTC1624CS Datasheet HTML 16Page - Linear Technology LTC1624CS Datasheet HTML 17Page - Linear Technology LTC1624CS Datasheet HTML 18Page - Linear Technology LTC1624CS Datasheet HTML 19Page - Linear Technology LTC1624CS Datasheet HTML 20Page - Linear Technology LTC1624CS Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
LTC1624
10
µH inductance is obtained with a current rating of 4A.
Splitting the two windings creates two 10
µH inductors
with a current rating of 2A each. Therefore substitute
(2)(10
µH) = 20µH for L in the equations.
Specify the maximum inductor current to safely handle
IL(PEAK). Make sure the inductor’s saturation current rat-
ing (current when inductance begins to fall) exceeds the
maximum current rating set by RSENSE.
SEPIC Converter: RSENSE Selection for Maximum
Output Current
RSENSE is chosen based on the required output current.
Remember the LTC1624 current comparator has a maxi-
mum threshold of 160mV/RSENSE. The current compara-
tor threshold sets the peak of the inductor current, yielding
a maximum average output current IOUT(MAX) equal to
IL1(PEAK) less half the peak-to-peak ripple current, ∆IL,
divided by the output-input voltage ratio (see equation for
IL1(PEAK)).
Allowing a margin for variations in the LTC1624 (without
considering variation in RSENSE), assuming 30% ripple
current in the inductor, yields:
R
mV
I
V
VV
SENSE
OUT MAX
IN MIN
OUT
D
=
+
()
()
100
SEPIC Converter: Output Diode
The output diode conducts current only during the switch
off-time. Peak reverse voltage for SEPIC converters is
equal to VOUT + VIN. Average forward current in normal
operation is equal to output current. Peak current is:
II
VV
V
I
D PEAK
OUT MAX
OUT
D
IN MIN
L
1
1
()
( )
()
=
+
+
+∆
Schottky diodes such as MBR130LT3 are recommended.
SEPIC Converter: Input and Output Capacitors
The output capacitor is normally chosen by its effective
series resistance (ESR), because this is what determines
APPLICATIONS INFORMATION
output ripple voltage. The input capacitor needs to be sized
to handle the ripple current safely.
Since the output capacitor’s ESR affects efficiency, use
low ESR capacitors for best performance. SEPIC regula-
tors, like step-down regulators, have a triangular current
waveform but have maximum ripple at VIN(MAX). The input
capacitor ripple current is:
I
I
RIPPLE RMS
L
()=
∆
12
The output capacitor ripple current is:
II
RIPPLE RMS
OUT
V
V
OUT
IN
()=
The output capacitor ripple voltage (RMS) is:
VOUT(RIPPLE) = 2(∆IL)(ESR)
The input capacitor can see a very high surge current when
a battery is suddenly connected, and solid tantalum
capacitors can fail under this condition. Be sure to specify
surge tested capacitors.
SEPIC Converter: Coupling Capacitor (C1)
The coupling capacitor C1 in Figure 7 sees a nearly
rectangular current waveform. During the off-time the
current through C1 is IOUT(VOUT/VIN) while approximately
–IOUT flows though C1 during the on-time. This current
waveform creates a triangular ripple voltage on C1:
∆V
I
kHz C
V
VV
V
C
OUT
OUT
IN
OUT
D
1
200
1
= ()( )
++


The maximum voltage on C1 is then:
VC1(MAX) = VIN + ∆VC1/2 (typically close to VIN(MAX)).
The ripple current though C1 is:
II
V
V
RIPPLE C
OUT
OUT
IN
1
()=
The maximum ripple current occurs at IOUT(MAX) and
VIN(MIN). The capacitance of C1 should be large enough so



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com