Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1624CS Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1624CS
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1624CS Datasheet HTML 6Page - Linear Technology LTC1624CS Datasheet HTML 7Page - Linear Technology LTC1624CS Datasheet HTML 8Page - Linear Technology LTC1624CS Datasheet HTML 9Page - Linear Technology LTC1624CS Datasheet HTML 10Page - Linear Technology LTC1624CS Datasheet HTML 11Page - Linear Technology LTC1624CS Datasheet HTML 12Page - Linear Technology LTC1624CS Datasheet HTML 13Page - Linear Technology LTC1624CS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
LTC1624
pin through a small Schottky diode (like a Central
CMDSH-3) to VOUT as shown in Figure 10. However, for
3.3V and other lower voltage regulators, additional cir-
cuitry is required to derive boost supply power from the
output.
For low input voltage operation (VIN < 7V), a Schottky
diode can be connected from VIN to BOOST to increase the
external MOSFET gate drive voltage. Be careful not to
exceed the maximum voltage on BOOST to SW pins
of 7.8V.
Output Voltage Programming
The output voltage is set by a resistive divider according
to the following formula:
VV
R
R
OUT =+


119
1
2
1
.
The external resistive divider is connected to the output as
shown in Figure 2, allowing remote voltage sensing. When
using remote sensing, a local 100
Ω resistor should be
connected from L1 to R2 to prevent VOUT from running
away if the sense lead is disconnected.
APPLICATIONS INFORMATION
ITH/RUN
CC
RC
1624 F03
D1
3.3V
OR 5V
ITH/RUN
CC
RC
(a)
(b)
D1
C1
R1
ITH/RUN
CC
RC
(c)
Figure 3. ITH/ RUN Pin Interfacing
Soft start can be implemented by ramping the voltage on
ITH/RUN during start-up as shown in Figure 3(c). As the
voltage on ITH/RUN ramps from 1.19V to 2.4V the internal
peak current limit is also ramped at a proportional linear
rate. The peak current limit begins at approximately
10mV/RSENSE (at VITH/RUN = 1.4V) and ends at:
160mV/RSENSE (VITH/RUN = 2.4V)
The output current thus ramps up slowly, charging the
output capacitor. The peak inductor current and maximum
output current are as follows:
IL(PEAK) = (VITH/RUN – 1.3V)/(6.8RSENSE)
IOUT(MAX) = ILPEAK – ∆IL/2
with
∆IL = ripple current in the inductor.
During normal operation the voltage on the ITH/RUN pin
will vary from 1.19V to 2.4V depending on the load current.
Pulling the ITH/RUN pin below 0.8V puts the LTC1624 into
a low quiescent current shutdown (IQ< 30µA). This pin can
be driven directly from logic as shown in Figures 3(a)
and 3(b).
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
ITH/RUN Function
The ITH/RUN pin is a dual purpose pin that provides the
loop compensation and a means to shut down the LTC1624.
Soft start can also be implemented with this pin. Soft start
reduces surge currents from VIN by gradually increasing
the internal current limit.
Power supply sequencing can
also be accomplished using this pin.
An internal 2.5
µA current source charges up the external
capacitor CC. When the voltage on ITH/RUN reaches 0.8V
the LTC1624 begins operating. At this point the error
amplifier pulls up the ITH/RUN pin to its maximum of 2.4V
(assuming VOUT is starting low).
Figure 2. Setting the LTC1624 Output Voltage
LTC1624
VFB
GND
100pF
R2
L1
R1
VOUT
1624 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com