Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1624CS Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1624CS
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624CS Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1624CS Datasheet HTML 14Page - Linear Technology LTC1624CS Datasheet HTML 15Page - Linear Technology LTC1624CS Datasheet HTML 16Page - Linear Technology LTC1624CS Datasheet HTML 17Page - Linear Technology LTC1624CS Datasheet HTML 18Page - Linear Technology LTC1624CS Datasheet HTML 19Page - Linear Technology LTC1624CS Datasheet HTML 20Page - Linear Technology LTC1624CS Datasheet HTML 21Page - Linear Technology LTC1624CS Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
LTC1624
APPLICATIONS INFORMATION
Positive-to-Negative Converter: Output Voltage
Programming
Setting the output voltage for a positive-to-negative con-
verter is different from other architectures since the feed-
back voltage is referenced to the LTC1624 ground pin and
the ground pin is referenced to – VOUT. The output voltage
is set by a resistive divider according to the following
formula:
VV
R
R
V
DC
DC
OUT
IN
=+


≈−
−


119
1
1
21
.
The external resistive divider is connected to the output as
shown in Figure 8.
Positive-to-Negative Converter: Power
MOSFET Selection
One external N-channel power MOSFET must be selected
for use with the LTC1624 for the switch. As in step-down
applications the source of the power MOSFET is con-
nected to the Schottky diode and inductor. The peak-to-
peak gate drive levels are set by the INTVCC voltage. The
gate drive voltage is equal to approximately 5V for VIN >
5.6V and a logic level MOSFET can be used. At VIN voltages
below 5V the INTVCC voltage is equal to VIN – 0.6V and a
sublogic level MOSFET should be used.
Selection criteria for the power MOSFET include the “ON”
resistance RDS(ON), reverse transfer capacitance CRSS,
input voltage and maximum output current. When the
LTC1624 is operating in continuous mode the duty cycle
for the MOSFET is given by:
Main
V
VV
D
OUT
D
Switch Duty Cycle =
V
V
OUT
IN
+
++
with
VOUT being the absolute value of VOUT.
The MOSFET power dissipation and maximum switch
current are given by:
that the voltage across C1 is constant such that VC1 = VIN
at full load over the entire VIN range. Assuming the enegry
storage in the coupling capacitor C1 must be equal to the
enegry stored in L1, the minimum capacitance of C1 is:
C
LI
V
V
MIN
OUT
OUT
IN MIN
1
1
22
4
()
()
= () (
)
SEPIC Converter: Duty Cycle Limitations
The minimum on-time of 450ns sets a limit on how high
an input-to-output ratio can be tolerated while not skip-
ping cycles. This only impacts designs when very low
output voltages (VOUT < 2.5V) are needed. Note that a
SEPIC converter would not be appropriate at these low
output voltages. The maximum input voltage is (remem-
ber not to exceed the absolute maximum limit of 36V):
VIN(MAX) = 10.1VOUT + 5V
For DC > 9%
Positive-to-Negative Converter Applications
The LTC1624 can also be used as a positive-to-negative
converter with a grounded inductor shown in Figure 8.
Since the LTC1624 requires a positive feedback signal
relative to device ground, Pin 4 must be tied to the
regulated negative output. A resistive divider from the
negative output to ground sets the output voltage.
Remember not to exceed maximum VIN ratings VIN +
VOUT≤ 36V.
PMAIN = ISW MAX ×
I OUT MAX I + δ RDS ON +
k V IN MAX + VOUT
1.85 C
RSS 200kHz
()
()
()
( )
()
()(
)
()
{
{
Figure 8. Positive-to-Negative Converter
+
+
SENSE–
ITH/RUN
VFB
GND
VIN
BOOST
TG
SW
LTC1624
1000pF
8
7
6
5
1
2
3
4
100pF
CC
RC
D1
CB
R1
R2
COUT
M1
L1
RSENSE
CIN
–VOUT
VIN
1624 F08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com