Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1624CS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1624CS
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624CS Datasheet(HTML) 1 Page - Linear Technology

  LTC1624CS Datasheet HTML 1Page - Linear Technology LTC1624CS Datasheet HTML 2Page - Linear Technology LTC1624CS Datasheet HTML 3Page - Linear Technology LTC1624CS Datasheet HTML 4Page - Linear Technology LTC1624CS Datasheet HTML 5Page - Linear Technology LTC1624CS Datasheet HTML 6Page - Linear Technology LTC1624CS Datasheet HTML 7Page - Linear Technology LTC1624CS Datasheet HTML 8Page - Linear Technology LTC1624CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC1624
FEATURES
DESCRIPTION
s
N-Channel MOSFET Drive
s
Implements Boost, Step-Down, SEPIC
and Inverting Regulators
s
Wide VIN Range: 3.5V to 36V Operation
s
Wide VOUT Range: 1.19V to 30V in Step-Down
Configuration
s
±1% 1.19V Reference
s
Low Dropout Operation: 95% Duty Cycle
s
200kHz Fixed Frequency
s
Low Standby Current
s
Very High Efficiency
s
Remote Output Voltage Sense
s
Logic-Controlled Micropower Shutdown
s
Internal Diode for Bootstrapped Gate Drive
s
Current Mode Operation for Excellent Line and
Load Transient Response
s
Available in an 8-Lead SO Package
s
Notebook and Palmtop Computers, PDAs
s
Cellular Telephones and Wireless Modems
s
Battery-Operated Digital Devices
s
DC Power Distribution Systems
s
Battery Chargers
TYPICAL APPLICATION
The LTC
®1624 is a current mode switching regulator
controller that drives an external N-channel power MOSFET
using a fixed frequency architecture. It can be operated in
all standard switching configurations including boost,
step-down, inverting and SEPIC. Burst Mode
TM operation
provides high efficiency at low load currents. A maximum
high duty cycle limit of 95% provides low dropout operation
which extends operating time in battery-operated systems.
The operating frequency is internally set to 200kHz, allowing
small inductor values and minimizing PC board space. The
operating current level is user-programmable via an external
current sense resistor. Wide input supply range allows
operation from 3.5V to 36V (absolute maximum).
A multifunction pin (ITH / RUN) allows external
compensation for optimum load step response plus
shutdown. Soft start can also be implemented with the
ITH/RUN pin to properly sequence supplies.
Figure 1. High Efficiency Step-Down Converter
+
+
SENSE–
ITH/RUN
VFB
GND
VIN
BOOST
TG
SW
LTC1624
1000pF
100pF
CC
470pF
RC
6.8k
D1
MBRS340T3
CB
0.1
µF
R2
35.7k
R1
20k
COUT
100
µF
10V
× 2
M1
Si4412DY
L1
10
µH
RSENSE
0.05
Ω
CIN
22
µF
35V
× 2
VOUT
3.3V
2A
VIN
4.8V TO 28V
1624 F01
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.
High Efficiency SO-8
N-Channel Switching
Regulator Controller
APPLICATIONS


Similar Part No. - LTC1624CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1624 LINER-LTC1624 Datasheet
205Kb / 24P
High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LTC1624 LINER-LTC1624 Datasheet
477Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1624 LINER-LTC1624 Datasheet
764Kb / 32P
Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1624 LINER-LTC1624_15 Datasheet
408Kb / 28P
High Efficiency SO-8 N-Channel Switching Regulator Controller
More results

Similar Description - LTC1624CS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3477 NSC-LM3477 Datasheet
815Kb / 23P
High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
High Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3487 NSC-LM3487 Datasheet
2Mb / 22P
High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3478 NSC-LM3478_09 Datasheet
507Kb / 22P
High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3477 TI1-LM3477_14 Datasheet
1Mb / 34P
High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
Linear Technology
LTC1624 LINER-LTC1624_15 Datasheet
408Kb / 28P
High Efficiency SO-8 N-Channel Switching Regulator Controller
logo
Texas Instruments
LM3477 TI-LM3477_15 Datasheet
1Mb / 35P
LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3478 TI-LM3478_15 Datasheet
1Mb / 38P
LM3478x/-Q1 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3478MA TI-LM3478MA_15 Datasheet
670Kb / 26P
High-Efficiency Low-Side N-Channel Controller for Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com