Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1624CS Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1624CS
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624CS Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1624CS Datasheet HTML 16Page - Linear Technology LTC1624CS Datasheet HTML 17Page - Linear Technology LTC1624CS Datasheet HTML 18Page - Linear Technology LTC1624CS Datasheet HTML 19Page - Linear Technology LTC1624CS Datasheet HTML 20Page - Linear Technology LTC1624CS Datasheet HTML 21Page - Linear Technology LTC1624CS Datasheet HTML 22Page - Linear Technology LTC1624CS Datasheet HTML 23Page - Linear Technology LTC1624CS Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
LTC1624
Positive-to-negative converters have high ripple current in
both the input and output capacitors. For long capacitor
lifetime, the RMS value of this current must be less than
the high frequency ripple rating of the capacitor.
The following formula gives an approximate value for RMS
ripple current. This formula assumes continuous mode
and low current ripple. Small inductors will give somewhat
higher ripple current, especially in discontinuous mode.
For the exact formulas refer to Application Note 44, pages
28 to 30. The input and output capacitor ripple current
(occurring at VIN(MIN)) is:
Capacitor
ff I
V
V
OUT
OUT
IN
IRMS =
()( )
ff = Fudge factor (1.2 to 2.0)
The output peak-to-peak ripple voltage is:
VOUT(P-P) = RESR (ID(MAX))
The input capacitor can also see a very high surge current
when a battery is suddenly connected, and solid tantalum
capacitors can fail under this condition. Be sure to specify
surge tested capacitors.
Positive-to-Negative Converter: Duty Cycle
Limitations
The minimum on-time of 450ns sets a limit on how high
of input-to-output ratio can be tolerated while not skipping
cycles. This only impacts designs when very low output
voltages (
VOUT< 2.5V) are needed. The maximum input
voltage is:
VIN(MAX) < 10.1VOUT + 5V
For DC > 9%
VIN(MAX)< 36V –VOUTFor absolute maximum ratings
Positive-to-Negative Converter: Shutdown
Considerations
Since the ground pin on the LTC1624 is referenced to
–VOUT, additional circuitry is needed to put the LTC1624
into shutdown. Shutdown is enabled by pulling the
ITH/RUN pin below 0.8V relative to the LTC1624 ground
pin. With the LTC1624 ground pin referenced to – VOUT,
the nonimal range on the ITH/RUN pin is – VOUT (in
shutdown) to (– VOUT + 2.4V)(at Max IOUT). Referring to
Figure 15, M2, M3 and R3 provide a level shift from typical
TTL levels to the LTC1624 operating as positive-to-nega-
tive converter. MOSFET M3 supplies gate drive to M2
during shutdown, while M2 pulls the ITH/RUN pin voltage to
–VOUT, shutting down the LTC1624.
Step-Down Converters: PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1624. These items are also illustrated graphically in
the layout diagram of Figure 9. Check the following in your
layout:
1. Are the signal and power grounds segregated? The
LTC1624 ground (Pin 4) must return to the (–) plate
of COUT.
2. Does the VFB (Pin 3) connect directly to the feedback
resistors? The resistive divider R1, R2 must be con-
nected between the (+) plate of COUT and signal ground.
The 100pF capacitor should be as close as possible to
the LTC1624.
3. Does the VIN lead connect to the input voltage at the
same point as RSENSE and are the SENSE– and VIN leads
routed together with minimum PC trace spacing? The
filter capacitor between VIN and SENSE
– should be as
close as possible to the LTC1624.
4. Does the (+) plate of CIN connect to RSENSE as closely
as possible? This capacitor provides the AC current to
the MOSFET(s). Also, does CIN connect as close as
possible to the VIN and ground pin of the LTC1624?
This capacitor also supplies the energy required to
recharge the bootstrap capacitor. Adequate input
decoupling is critical for proper operation.
5. Keep the switch node SW away from sensitive small-
signal nodes. Ideally, M1, L1 and D1 should be con-
nected as closely as possible at the switch node.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com