Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1624CS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1624CS
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624CS Datasheet(HTML) 2 Page - Linear Technology

  LTC1624CS Datasheet HTML 1Page - Linear Technology LTC1624CS Datasheet HTML 2Page - Linear Technology LTC1624CS Datasheet HTML 3Page - Linear Technology LTC1624CS Datasheet HTML 4Page - Linear Technology LTC1624CS Datasheet HTML 5Page - Linear Technology LTC1624CS Datasheet HTML 6Page - Linear Technology LTC1624CS Datasheet HTML 7Page - Linear Technology LTC1624CS Datasheet HTML 8Page - Linear Technology LTC1624CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC1624
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN).........................36V to – 0.3V
Topside Driver Supply Voltage (BOOST)....42V to – 0.3V
Switch Voltage (SW).................................. 36V to – 0.6V
Differential Boost Voltage
(BOOST to SW) ....................................7.8V to – 0.3V
SENSE – Voltage
VIN < 15V .................................. (VIN + 0.3V) to – 0.3V
VIN ≥ 15V .......................... (VIN +0.3V) to (VIN – 15V)
ITH/RUN, VFB Voltages ............................ 2.7V to – 0.3V
Peak Driver Output Current < 10
µs (TG) .................... 2A
Operating Temperature Range
LTC1624CS ............................................ 0
°C to 70°C
LTC1624IS ......................................... – 40
°C to 85°C
Junction Temperature (Note 1)............................. 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
S8 PART MARKING
TOP VIEW
VIN
BOOST
TG
SW
SENSE–
ITH/RUN
VFB
GND
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
TJMAX = 125°C, θJA = 110°C/ W
LTC1624CS8
LTC1624IS8
1624
1624I
Consult factory for Military grade parts.
ELECTRICAL CHARACTERISTICS TA = 25°C, VIN = 15V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
IIN VFB
Feedback Current
(Note 2)
10
50
nA
VFB
Feedback Voltage
(Note 2)
q
1.1781
1.19
1.2019
V
∆VLINE REG
Reference Voltage Line Regulation
VIN = 3.6V to 20V (Note 2)
0.002
0.01
%/V
∆VLOAD REG
Output Voltage Load Regulation
(Note 2)
ITH Sinking 5µA
q
0.5
0.8
%
ITH Sourcing 5µA
q
– 0.5
– 0.8
%
VOVL
Output Overvoltage Lockout
1.24
1.28
1.32
V
IQ
Input DC Supply Current
(Note 3)
Normal Mode
550
900
µA
Shutdown
VITH/RUN = 0V
16
30
µA
VITH/RUN
Run Threshold
0.6
0.8
V
IITH/RUN
Run Current Source
VITH/RUN = 0.3V
– 0.8
– 2.5
– 5.0
µA
Run Pullup Current
VITH/RUN = 1V
– 50
–160
– 350
µA
∆VSENSE(MAX) Maximum Current Sense Threshold
VFB = 1.0V
145
160
185
mV
TG Transition Time
TG tr
Rise Time
CLOAD = 3000pF
50
150
ns
TG tf
Fall Time
CLOAD = 3000pF
50
150
ns
fOSC
Oscillator Frequency
q
175
200
225
kHz
VBOOST
Boost Voltage
SW = 0V, IBOOST = 5mA, VIN = 8V
4.8
5.15
5.5
V
∆VBOOST
Boost Load Regulation
SW = 0V, IBOOST = 2mA to 20mA
3
5
%
TJ = TA + (PD • 110°C/W)
Note 2: The LTC1624 is tested in a feedback loop which servos VFB to
the midpoint for the error amplifier (VITH = 1.8V).
Note 3: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
The q denotes specifications which apply over the full operating
temperature range.
LTC1624CS: 0
°C ≤ TA ≤ 70°C
LTC1624IS: – 40
°C ≤ TA ≤ 85°C
Note 1: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com