Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1624CS Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1624CS
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624CS Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1624CS Datasheet HTML 9Page - Linear Technology LTC1624CS Datasheet HTML 10Page - Linear Technology LTC1624CS Datasheet HTML 11Page - Linear Technology LTC1624CS Datasheet HTML 12Page - Linear Technology LTC1624CS Datasheet HTML 13Page - Linear Technology LTC1624CS Datasheet HTML 14Page - Linear Technology LTC1624CS Datasheet HTML 15Page - Linear Technology LTC1624CS Datasheet HTML 16Page - Linear Technology LTC1624CS Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
LTC1624
100
Ω resistor in series with the SENSE– pin. This offset
cancels the internal offset in current comparator I2 (refer
to Functional Diagram). This comparator in conjunction
with the voltage on the ITH/RUN pin determines when to
enter into Burst Mode operation (refer to Low Current
Operation in Operation section). With the additional exter-
nal offset present, the drive to the topside MOSFET is
always enabled every cycle and constant frequency opera-
tion occurs for IOUT > IOUT(MIN).
Step-Down Converter: Design Example
As a design example, assume VIN = 12V(nominal),
VIN = 22V(max), VOUT = 3.3V and IMAX = 2A. RSENSE can
immediately be calculated:
RSENSE = 100mV/2A = 0.05Ω
Assume a 10
µH inductor. To check the actual value of the
ripple current the following equation is used:
∆I
VV
fL
VV
VV
L
IN
OUT
OUT
D
IN
D
=
−
()( )
+
+


The highest value of the ripple current occurs at the
maximum input voltage:
∆I
VV
kHz
H
VV
VV
L =
−
()
+
+


=
22
3 3
200
10
33
05
22
0 5
158
..
.
.
.
µ
AP-P
The power dissipation on the topside MOSFET can be
easily estimated. Choosing a Siliconix Si4412DY results
in: RDS(ON) = 0.042Ω, CRSS = 100pF. At maximum input
voltage with T(estimated) = 50
°C:
P
VV
VV
AC
C
V
A
pF
kHz
mW
MAIN =
+
+
() +() °− °
()
[]()
+
() ( )( )(
)=
33
05
22
0 5
2
1
0 005 50
25
0 042
2 5 22
2
100
200
62
2
185
..
.
..
.
.
Ω
The most stringent requirement for the Schottky diode
occurs when VOUT= 0V (i.e. short circuit) at maximum VIN.
In this case the worst-case dissipation rises to:
PI
V
V
VV
D
SC AVG
D
IN
IN
D
=
()
+


()
APPLICATIONS INFORMATION
With the 0.05
Ω sense resistor ISC(AVG) = 2A will result,
increasing the 0.5V Schottky diode dissipation to 0.98W.
CIN is chosen for an RMS current rating of at least 1.0A at
temperature. COUT is chosen with an ESR of 0.03Ω for low
output ripple. The output ripple in continuous mode will be
highest at the maximum input voltage. The output voltage
ripple due to ESR is approximately:
VORIPPLE = RESR(∆IL) = 0.03Ω (1.58AP-P) = 47mVP-P
Step-Down Converter: Duty Cycle Limitations
At high input to output differential voltages the on-time
gets very small. Due to internal gate delays and response
times of the internal circuitry the minimum recommended
on-time is 450ns. Since the LTC1624’s frequency is inter-
nally set to 200kHz a potential duty cycle limitation exists.
When the duty cycle is less than 9%, cycle skipping may
occur which increases the inductor ripple current but does
not cause VOUT to lose regulation. Avoiding cycle skipping
imposes a limit on the input voltage for a given output
voltage only when VOUT < 2.2V using 30V MOSFETs.
(Remember not to exceed the absolute maximum voltage
of 36V.)
VIN(MAX) = 11.1VOUT + 5V
For DC > 9%
Boost Converter Applications
The LTC1624 is also well-suited to boost converter appli-
cations. A boost converter steps up the input voltage to a
higher voltage as shown in Figure 6.
Figure 6. Boost Converter
+
CB
L1
M1
R2
R1
RSENSE
CIN
D1
VIN
1624 F06
VIN
VFB
LTC1624
SENSE–
BOOST
TG
SW
GND
+
COUT
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com