Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1624CS Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1624CS
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624CS Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1624CS Datasheet HTML 10Page - Linear Technology LTC1624CS Datasheet HTML 11Page - Linear Technology LTC1624CS Datasheet HTML 12Page - Linear Technology LTC1624CS Datasheet HTML 13Page - Linear Technology LTC1624CS Datasheet HTML 14Page - Linear Technology LTC1624CS Datasheet HTML 15Page - Linear Technology LTC1624CS Datasheet HTML 16Page - Linear Technology LTC1624CS Datasheet HTML 17Page - Linear Technology LTC1624CS Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
LTC1624
Boost Converters: Power MOSFET Selection
One external N-channel power MOSFET must be selected
for use with the LTC1624 for the switch. In boost applica-
tions the source of the power MOSFET is grounded along
with the SW pin. The peak-to-peak gate drive levels are set
by the INTVCC voltage. The gate drive voltage is equal to
approximately 5V for VIN > 5.6V and a logic level MOSFET
can be used. At VIN voltages below 5V the gate drive
voltage is equal to VIN – 0.6V and a sublogic level MOSFET
should be used.
Selection criteria for the power MOSFET include the “ON”
resistance RDS(ON), reverse transfer capacitance CRSS,
input voltage and maximum output current. When the
LTC1624 is operating in continuous mode the duty cycle
for the MOSFET is given by:
Main Switch Duty Cycle = 1
−
+
V
VV
IN
OUT
D
The MOSFET power dissipation at maximum output cur-
rent is given by:
APPLICATIONS INFORMATION
Boost Converter: Inductor Selection
For most applications the inductor will fall in the range of
10
µH to 100µH. Higher values reduce the input ripple
voltage and reduce core loss. Lower inductor values are
chosen to reduce physical size.
The input current of the boost converter is calculated at full
load current. Peak inductor current can be significantly
higher than output current, especially with smaller induc-
tors and lighter loads. The following formula assumes
continuous mode operation and calculates maximum peak
inductor current at minimum VIN:
II
V
V
I
L PEAK
OUT MAX
OUT
IN MIN
L MAX
()
( ) ()
()
=
+
∆
2
The ripple current in the inductor (
∆IL) is typically 20% to
30% of the peak inductor current occuring at VIN(MIN) and
IOUT(MAX).
∆I
VV
V
V
kHz L V
V
L
IN
OUT
D
IN
OUT
D
P-P
()=
+−
()
()( ) +
()
200
with
∆IL(MAX) = ∆IL(P-P) at VIN = VIN(MIN).
Remember boost converters are not short-circuit pro-
tected, and that under output short conditions, inductor
current is limited only by the available current of the input
supply, IOUT(OVERLOAD). Specify the maximum inductor
current to safely handle the greater of IL(PEAK) or
IOUT(OVERLOAD). Make sure the inductor’s saturation cur-
rent rating (current when inductance begins to fall)
exceeds the maximum current rating set by RSENSE.
Boost Converter: RSENSE Selection for Maximum
Output Current
RSENSE is chosen based on the required output current.
Remember the LTC1624 current comparator has a maxi-
mum threshold of 160mV/RSENSE. The current compara-
tor threshold sets the peak of the inductor current, yielding
a maximum average output current IOUT(MAX) equal to
IL(PEAK) less half the peak-to-peak ripple current (∆IL),
divided by the output-input voltage ratio (see equation for
IL(PEAK)).
PI
V
VV
R
k V
I
C
kHz
where
I
I
VV
V
MAIN
IN MAX
IN MIN
OUT
D
DS ON
OUT
IN MAX
RSS
IN MAX
OUT MAX
OUT
D
IN MIN
= 
−
+
+
()
+
() 
()(
)
=
+
()
()
()
()
()
()
()
2
185
11
200
δ
.
δ is the temperature dependency of RDS(ON) and k is a
constant inversely related to the gate drive current.
MOSFETs have I2R losses, plus the PMAIN equation
includes an additional term for transition losses that are
highest at high output voltages. For VOUT < 20V the high
current efficiency generally improves with larger MOSFETs,
while for VOUT > 20V the transition losses rapidly increase
to the point that the use of a higher RDS(ON) device with
lower CRSS actual provides higher efficiency. For addi-
tional information refer to Step-Down Converter: Power
MOSFET Selection in the Applications Information
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com