Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2400CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2400CS8
Description  24-Bit uPower No Latency ADC in SO-8
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2400CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2400CS8 Datasheet HTML 4Page - Linear Technology LTC2400CS8 Datasheet HTML 5Page - Linear Technology LTC2400CS8 Datasheet HTML 6Page - Linear Technology LTC2400CS8 Datasheet HTML 7Page - Linear Technology LTC2400CS8 Datasheet HTML 8Page - Linear Technology LTC2400CS8 Datasheet HTML 9Page - Linear Technology LTC2400CS8 Datasheet HTML 10Page - Linear Technology LTC2400CS8 Datasheet HTML 11Page - Linear Technology LTC2400CS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8
LTC2400
INL vs Output Rate
Resolution vs Output Rate
TYPICAL PERFOR A CE CHARACTERISTICS
VCC (Pin 1): Positive Supply Voltage. Bypass to GND
(Pin 4) with a 10
µF tantalum capacitor in parallel with
0.1
µF ceramic capacitor as close to the part as possible.
VREF (Pin 2): Reference Input. The reference voltage range
is 0.1V to VCC.
VIN (Pin 3): Analog Input. The input voltage range is
– 0.125 • VREF to 1.125 • VREF. For VREF > 2.5V, the input
voltage range may be limited by the pin absolute maxi-
mum rating of – 0.3V to VCC + 0.3V.
GND (Pin 4): Ground. Shared pin for analog ground,
digital ground, reference ground and signal ground. Should
be connected directly to a ground plane through a mini-
mum length trace or it should be the single-point-ground
in a single point grounding system.
CS (Pin 5): Active LOW Digital Input. A LOW on this pin
enables the SDO digital output and wakes up the ADC.
Following each conversion the ADC automatically enters
the Sleep mode and remains in this low power state as
long as CS is HIGH. A LOW on CS wakes up the ADC. A
LOW-to-HIGH transition on this pin disables the SDO
digital output. A LOW-to-HIGH transition on CS during the
Data Output transfer aborts the data transfer and starts a
new conversion.
OUTPUT RATE (Hz)
0
12
18
20
60
2400 G27
10
8
15 20 25
10
5
303540455055
24
22
16
14
VCC = 5V
VREF = 5V
TA = 25°C
F0 = EXTERNAL
OUTPUT RATE (Hz)
0
12
18
20
60
2400 G28
10
8
15 20 25
10
5
303540455055
24
22
16
14
VCC = 5V
VREF = 5V
TA = 25°C
FO = EXTERNAL
*RESOLUTION =
LOG(VREF/RMS NOISE)
LOG (2)
SDO (Pin 6): Three-State Digital Output. During the data
output period, this pin is used for serial data output. When
the chip select CS is HIGH (CS = VCC), the SDO pin is in a
high impedance state. During the Conversion and Sleep
periods this pin can be used as a conversion status output.
The conversion status can be observed by pulling CS LOW.
SCK (Pin 7): Bidirectional Digital Clock Pin. In Internal
Serial Clock Operation mode, SCK is used as digital output
for the internal serial interface clock during the data output
period. In External Serial Clock Operation mode, SCK is
used as digital input for the external serial interface. A
weak internal pull-up is automatically activated in Internal
Serial Clock Operation mode. The Serial Clock mode is
determined by the level applied to SCK at power up and the
falling edge of CS.
FO (Pin 8): Frequency Control Pin. Digital input that
controls the ADC’s notch frequencies and conversion
time. When the FO pin is connected to VCC (FO = VCC), the
converter uses its internal oscillator and the digital filter
first null is located at 50Hz. When the FO pin is connected
to GND (FO = OV), the converter uses its internal oscillator
and the digital filter first null is located at 60Hz. When FO
is driven by an external clock signal with a frequency fEOSC,
the converter uses this signal as its clock and the digital
filter first null is located at a frequency fEOSC/2560.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com