Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2400CS8 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2400CS8
Description  24-Bit uPower No Latency ADC in SO-8
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2400CS8 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2400CS8 Datasheet HTML 14Page - Linear Technology LTC2400CS8 Datasheet HTML 15Page - Linear Technology LTC2400CS8 Datasheet HTML 16Page - Linear Technology LTC2400CS8 Datasheet HTML 17Page - Linear Technology LTC2400CS8 Datasheet HTML 18Page - Linear Technology LTC2400CS8 Datasheet HTML 19Page - Linear Technology LTC2400CS8 Datasheet HTML 20Page - Linear Technology LTC2400CS8 Datasheet HTML 21Page - Linear Technology LTC2400CS8 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
18
LTC2400
APPLICATIONS INFORMATION
Once CS is pulled LOW, SCK goes LOW and EOC is output
to the SDO pin. EOC = 1 while a conversion is in progress
and EOC = 0 if the device is in the sleep state.
When testing EOC, if the conversion is complete (EOC = 0),
the device will exit the sleep state and enter the data output
state if CS remains LOW. In order to prevent the device
from exiting the low power sleep state, CS must be pulled
HIGH before the first rising edge of SCK. In the internal
SCK timing mode, SCK goes HIGH and the device begins
outputting data at time tEOCtest after the falling edge of CS
(if EOC = 0) or tEOCtest after EOC goes LOW (if CS is LOW
during the falling edge of EOC). The value of tEOCtest is 23µs
if the device is using its internal oscillator (F0 = logic LOW
or HIGH). If FO is driven by an external oscillator of
frequency fEOSC, then tEOCtest is 3.6/fEOSC. If CS is pulled
HIGH before time tEOCtest, the device remains in the sleep
state. The conversion result is held in the internal static
shift register.
If CS remains LOW longer than tEOCtest, the first rising
edge of SCK will occur and the conversion result is serially
shifted out of the SDO pin. The data output cycle begins on
this first rising edge of SCK and concludes after the 32nd
rising edge. Data is shifted out the SDO pin on each falling
edge of SCK. The internally generated serial clock is output
to the SCK pin. This signal may be used to shift the
conversion result into external circuitry. EOC can be
latched on the first rising edge of SCK and the last bit of the
conversion result on the 32nd rising edge of SCK. After the
32nd rising edge, SDO goes HIGH (EOC = 1), SCK stays
HIGH, and a new conversion starts.
Typically, CS remains LOW during the data output state.
However, the data output state may be aborted by pulling
CS HIGH anytime between the first and 32nd rising edge
of SCK, see Figure 9. On the rising edge of CS, the device
aborts the data output state and immediately initiates a
new conversion. This is useful for systems not requiring
all 32 bits of output data, aborting an invalid conversion
cycle, or synchronizing the start of a conversion. If CS is
pulled HIGH while the converter is driving SCK LOW, the
internal pull-up is not available to restore SCK to a logic
SDO
SCK
(INTERNAL)
CS
>tEOCtest
MSB
EXR
SIG
BIT 8
TEST EOC
TEST EOC
BIT 27
BIT 26
BIT 28
BIT 29
BIT 30
EOC
BIT 31
EOC
BIT 0
SLEEP
DATA OUTPUT
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
DATA OUTPUT
CONVERSION
CONVERSION
SLEEP
2400 F09
<tEOCtest
VCC
FO
VREF
SCK
VIN
SDO
GND
CS
VREF
0.1V TO VCC
VIN
–0.12VREF TO 1.12VREF
1
µF
2.7V TO 5.5V
LTC2400
VCC
10k
= 50Hz REJECTION
= EXTERNAL OSCILLATOR
= 60Hz REJECTION
VCC
TEST EOC
Figure 9. Internal Serial Clock, Reduced Data Output Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com