Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2400CS8 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC2400CS8
Description  24-Bit uPower No Latency ADC in SO-8
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2400CS8 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC2400CS8 Datasheet HTML 29Page - Linear Technology LTC2400CS8 Datasheet HTML 30Page - Linear Technology LTC2400CS8 Datasheet HTML 31Page - Linear Technology LTC2400CS8 Datasheet HTML 32Page - Linear Technology LTC2400CS8 Datasheet HTML 33Page - Linear Technology LTC2400CS8 Datasheet HTML 34Page - Linear Technology LTC2400CS8 Datasheet HTML 35Page - Linear Technology LTC2400CS8 Datasheet HTML 36Page - Linear Technology LTC2400CS8 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
33
LTC2400
Thermocouple Applications
Figure 35 shows a thermocouple interface circuit that
demonstrates the practicality of direct connection to the
LTC2400 using even the lowest output thermocouples (in
this case, a type S thermocouple, with a full-scale output
of 18mV).
This topology is the least costly solution for thermocouple
sensing. As shown, it is capable of resolving approxi-
mately 0.25
°Cwithoutaveraging.SincetheLTC2400does
not exhibit any easily discernible quantization effects,
averaging can significantly extend the resolution for slow
changing processes.
In this circuit, a 1N4148 diode provides cold junction
compensation by producing, at the positive terminal of the
thermocouple, an approximation of the average Seebeck
coefficient for a type S thermocouple over the temperature
range expected at the cold junction (0
°C to 40°C). If the
operating range is less, the coefficient can be adjusted to
produce a better match for the range anticipated. This
basic circuit can be used with other thermocouples by
changing the divide ratio to suit the Seebeck coefficient of
the type chosen (see table).
TYPICAL APPLICATIONS
This circuit produces a DC offset at the cold junction
reference point, of 1mV to 15mV, which must be nulled out
in software. This DC offset, resulting from the forward
voltage of the diode, is variable from device to device and
must be calibrated for each unit.
Since the temperature coefficient of the 1N4148 diode is
not guaranteed, a trim should be provided to accommo-
date a coefficient from 1.7mV/
°C to 2.3mV/°C. Alterna-
tively, a transistor can be used as a sensor with Omega
Engineering thermocouple circuit board connectors that
are available with TO-92 transistor retainer clips, placing
the transistor in physical contact with the cold junction.
The 1M resistor RTC shown is intended as an open-circuit
detection scheme, producing full scale at the input of the
LTC2400. Note that this resistor contributes to the offset
and must have low TC, as should the resistors R2 and R3.
Since R1 provides forward bias for the diode, its tempera-
ture coefficient is not as critical.
The circuit in Figure 35 uses only 12% of the LTC2400’s
input range and is able to accommodate the full-scale
output of all thermocouple types. The commonly used
VIN
SDO
SCK
CS
3
THERMOCOUPLE
2
1
R1
43.2k
4
5
6
7
5V
5V
10k
8
VREF
VCC
0.1
µF
GND
LTC2400
FO
2400 F35
RTC
1M
Cu
–
+
Cu
1N4148
COLD JUNCTION
ISOTHERMAL
R2*
– 2mV/
°C
60Hz
*25ppm, 1% TOLERANCE
SINGLE POINT GROUND
50Hz
–SB
R3*
100
Ω
*20
°C ≤ TA ≤ 50°C
THERMOCOUPLE
TYPE
J
K
S
SEEBECK
COEFFICIENT*
50.2
µV/°C
39.2
µV/°C
6.15
µV/°C
R2
3.83k
4.99k
32.4k
Figure 35. Diode Cold Junction Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com