Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2400CS8 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC2400CS8
Description  24-Bit uPower No Latency ADC in SO-8
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2400CS8 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC2400CS8 Datasheet HTML 22Page - Linear Technology LTC2400CS8 Datasheet HTML 23Page - Linear Technology LTC2400CS8 Datasheet HTML 24Page - Linear Technology LTC2400CS8 Datasheet HTML 25Page - Linear Technology LTC2400CS8 Datasheet HTML 26Page - Linear Technology LTC2400CS8 Datasheet HTML 27Page - Linear Technology LTC2400CS8 Datasheet HTML 28Page - Linear Technology LTC2400CS8 Datasheet HTML 29Page - Linear Technology LTC2400CS8 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
26
LTC2400
TYPICAL APPLICATIONS
SYNCHRONIZATION OF MULTIPLE LTC2400s
Since the LTC2400’s absolute accuracy (total unadjusted
error) is 10ppm, applications utilizing multiple matched
ADCs are possible.
Simultaneous Sampling with Two LTC2400s
One such application is synchronizing multiple LTC2400s,
see Figure 27. The start of conversion is synchronized to
the rising edge of CS. In order to synchronize multiple
LTC2400s, CS is a common input to all the ADCs.
To prevent the converters from autostarting a new con-
version at the end of data output read, 31 or fewer SCK
clock signals are applied to the LTC2400 instead of 32 (the
32nd falling edge would start a conversion). The exact
timing and frequency for the SCK signal is not critical
since it is only shifting out the data. In this case, two
LTC2400’s simultaneously start and end their conversion
cycles under the external control of CS.
Increasing the Output Rate Using Multiple LTC2400s
A second application uses multiple LTC2400s to increase
the effective output rate by 4
×, see Figure 28. In this case,
four LTC2400s are interleaved under the control of sepa-
rate CS signals. This increases the effective output rate
from 7.5Hz to 30Hz (up to a maximum of 60Hz). Addition-
ally, the one-shot output spectrum is unfolded allowing
further digital signal processing of the conversion results.
SCK and SDO may be common to all four LTC2400s. The
four CS rising edges equally divide one LTC2400 conver-
sion cycle (7.5Hz for 60Hz notch frequency). In order to
synchronize the start of conversion to CS, 31 or less SCK
clock pulses must be applied to each ADC.
Both the synchronous and 4
× output rate applications use
the external serial clock and single cycle operation with
reduced data output length (see Serial Interface Timing
Modes section and Figure 6). An external oscillator clock
is applied commonly to the FO pin of each LTC2400 in
order to synchronize the sampling times. Both circuits
may be extended to include more LTC2400s.
31 OR LESS CLOCK CYCLES
CS
SCK1
SCK2
2400 F27
SDO1
SDO2
31 OR LESS CLOCK CYCLES
LTC2400
#1
VCC
VREF
VIN
GND
FO
SCK
SDO
CS
SCK2
SCK1
CS
SDO1
SDO2
LTC2400
#2
VCC
VREF
VIN
GND
FO
SCK
SDO
CS
µCONTROLLER
EXTERNAL OSCILLATOR
(153,600HZ)
VREF
(0.1V TO VCC)
Figure 27. Synchronous Conversion—Extendable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com