Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2400CS8 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC2400CS8
Description  24-Bit uPower No Latency ADC in SO-8
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2400CS8 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC2400CS8 Datasheet HTML 24Page - Linear Technology LTC2400CS8 Datasheet HTML 25Page - Linear Technology LTC2400CS8 Datasheet HTML 26Page - Linear Technology LTC2400CS8 Datasheet HTML 27Page - Linear Technology LTC2400CS8 Datasheet HTML 28Page - Linear Technology LTC2400CS8 Datasheet HTML 29Page - Linear Technology LTC2400CS8 Datasheet HTML 30Page - Linear Technology LTC2400CS8 Datasheet HTML 31Page - Linear Technology LTC2400CS8 Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
28
LTC2400
TYPICAL APPLICATIONS
5V
0.1
µF
VIN
SDO
SCK
CS
CHIP SELECT
SERIAL
SERIAL
3
2
1
4
5
6
7
8
VREF
VREFIN
VCC
0.1
µF
5V
GND
LTC2400
FO
11
4
7
8
12
CS
1
µF
EXT
CH
1
µF
LARGE
MAGNITUDE
DIFFERENTIAL
INPUT
C1
0.01
µF
0.1
µF
2400 F29
–5V
1/2
LTC1043
13
16
14
17
Figure 29. Simple Rail-to-Rail Circuit Converts Differential Signals to Single-Ended Signals
LTC2400 High Accuracy Differential to Single-Ended
Converter for
±5V Supplies
The circuit in Figure 30 is ideal for low level differential
signals in applications that have a
±5V supply and need
high accuracy without calibration. The circuit combines an
LTC1043 and LTC1050 as a differential to single-ended
amplifier that has an input common mode range that
includes the power supplies. Resistors R1 and R2 set the
LTC1050’s gain at 101.
The circuit schematic shows an optional resistor RS. This
resistor can be placed in series with the LTC2400’s input
to limit current if the input goes below – 300mV. The
resistor does not degrade the converter’s performance as
long as any capacitance, stray or otherwise, connected
between the LTC2400’s input and ground is less than
100pF. Higher capacitance will increase offset and full-
scale errors (see Input Current section).
The circuit achieves a nonlinearity of
±1ppm, input re-
ferred noise of 0.05
µVRMS (averaging 64 samples), 19.6
bits resolution for a full-scale input of 40mV, and an overall
accuracy of 20 bits when using an LTC1236-5 precision
5V reference.
Multiple Inputs
The simple circuit shown in Figure 31 takes advantage of
the LTC2400’s single conversion settling. The LTC1391
serially programmed multiplexer allows accurate conver-
sions on each of its eight channels without introducing any
offset, gain or linearity errors with its input signal between
0V and VREF, as long as the total capacitance connected to
the LTC2400’s input is less than 1000pF. A small 2ppm
(typ) error occurs when an active input channel’s signal
voltage reaches –300mV (typ). If the excursion below
ground is above – 200mV (typ), the error is less than the
LTC2400’s 0.3ppmRMS noise. On the topside, the selected
input signal’s magnitude can go above the 5V supply with
no linearity degradation or increased noise. Figure 31’s
circuit can tolerate overdrive on the unselected channel
without conversion degradation as long as the overdrive is
less than 250mV above the supply voltage or 250mV
below ground. The linearity performance is similar to that
shown in the Typical Performance Characteristics section.
Errors caused by channel-to-channel crosstalk are less
than the LTC2400’s typical input noise. This remains the
case for a frequency range of 1Hz to 153.6kHz (the
LTC2400’s internal clock frequency or 10fS). When the
frequency reaches 1.536MHz (4VP-P), the RMS noise typi-
cally doubles and the linearity is degraded by 30ppm (typ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com