Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2400CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2400CS8
Description  24-Bit uPower No Latency ADC in SO-8
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2400CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2400CS8 Datasheet HTML 8Page - Linear Technology LTC2400CS8 Datasheet HTML 9Page - Linear Technology LTC2400CS8 Datasheet HTML 10Page - Linear Technology LTC2400CS8 Datasheet HTML 11Page - Linear Technology LTC2400CS8 Datasheet HTML 12Page - Linear Technology LTC2400CS8 Datasheet HTML 13Page - Linear Technology LTC2400CS8 Datasheet HTML 14Page - Linear Technology LTC2400CS8 Datasheet HTML 15Page - Linear Technology LTC2400CS8 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
12
LTC2400
APPLICATIONS INFORMATION
Table 2. LTC2400 Output Data Format
Bit 31
Bit 30
Bit 29
Bit 28
Bit 27
Bit 26
Bit 25
Bit 24
Bit 23
…
Bit 4
Bit 3-0
Input Voltage
EOC
DMY
SIG
EXR
MSB
LSB
SUB LSBs*
VIN > 9/8 • VREF
00
1
1
0
001
1
...
1
X
9/8 • VREF
00
1
1
0
001
1
...
1
X
VREF + 1LSB
0
0
1
1
0
0
0
0
0
...
0
X
VREF
00
1
0
1
111
1
...
1
X
3/4VREF + 1LSB
0
0
1
0
1
1
0
0
0
...
0
X
3/4VREF
00
1
0
1
011
1
...
1
X
1/2VREF + 1LSB
0
0
1
0
1
0
0
0
0
...
0
X
1/2VREF
00
1
0
0
111
1
...
1
X
1/4VREF + 1LSB
0
0
1
0
0
1
0
0
0
...
0
X
1/4VREF
00
1
0
0
011
1
...
1
X
0+/0–
0
0
1/0**
0
0
0
0
0
0
...
0
X
–1LSB
0
0
0111
1
1
1
...
1
X
–1/8 • VREF
00
0
1
1
110
0
...
0
X
VIN < –1/8 • VREF
00
0
1
1
110
0
...
0
X
*The sub LSBs are valid conversion results beyond the 24-bit level that may be included in averaging or discarded without loss of resolution.
**The sign bit changes state during the 0 code.
Figure 3. Output Data Timing
out on the falling edge of the 31st SCK and may be latched
on the rising edge of the 32nd SCK pulse. On the falling
edge of the 32nd SCK pulse, SDO goes HIGH indicating a
new conversion cycle has been initiated. This bit serves as
EOC (Bit 31) for the next conversion cycle. Table 2 sum-
marizes the output data format.
As long as the voltage on the VIN pin is maintained within
the – 0.3V to (VCC + 0.3V) absolute maximum operating
range, a conversion result is generated for any input value
from – 0.125 • VREF to 1.125 • VREF. For input voltages
greater than 1.125 • VREF, the conversion result is clamped
to the value corresponding to 1.125 • VREF. For input
voltages below – 0.125 • VREF, the conversion result is
clamped to the value corresponding to – 0.125 • VREF.
Frequency Rejection Selection (FO Pin Connection)
The LTC2400 internal oscillator provides better than 110dB
normal mode rejection at the line frequency and all its
harmonics for 50Hz
±2% or 60Hz ±2%. For 60Hz rejec-
tion, FO (Pin 8) should be connected to GND (Pin 4) while
for 50Hz rejection the FO pin should be connected to VCC
(Pin 1).
MSB
EXT
SIG
“0”
1
2
3
4
5
272832
BIT 0
BIT 27
BIT 4
LSB24
BIT 28
BIT 29
BIT 30
SDO
SCK
CS
EOC
BIT 31
SLEEP
DATA OUTPUT
CONVERSION
2400 F03
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com