Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2400CS8 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC2400CS8
Description  24-Bit uPower No Latency ADC in SO-8
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2400CS8 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2400CS8 Datasheet HTML 20Page - Linear Technology LTC2400CS8 Datasheet HTML 21Page - Linear Technology LTC2400CS8 Datasheet HTML 22Page - Linear Technology LTC2400CS8 Datasheet HTML 23Page - Linear Technology LTC2400CS8 Datasheet HTML 24Page - Linear Technology LTC2400CS8 Datasheet HTML 25Page - Linear Technology LTC2400CS8 Datasheet HTML 26Page - Linear Technology LTC2400CS8 Datasheet HTML 27Page - Linear Technology LTC2400CS8 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
24
LTC2400
VREF = 5V). This corresponds to a 0.3ppm shift in offset
and full-scale readings for every 1
Ω of input source
resistance.
In addition to the input current spikes, the input ESD
protection diodes have a temperature dependent leakage
current. This leakage current, nominally 1nA (
±10nA
max), results in a fixed offset shift of 10
µV for a 10k source
resistance.
Reference Current (VREF)
Similar to the analog input, the reference input has a
dynamic input current. This current has negligible effect
on the offset. However, the reference current at VIN = VREF
is similar to the input current at full-scale. For large values
of reference capacitance (CVREF > 0.01µF), the full-scale
error shift is 0.3ppm/
Ω of external reference resistance
independent of the capacitance at VREF, see Figure 22. If
the capacitance tied to VREF is small (CVREF < 0.01µF), an
input resistance of up to 20k (20pF parasitic capacitance
at VREF) may be tolerated, see Figure 23.
Unlike the analog input, the integral nonlinearity of the
device can be degraded with excessive external RC time
constants tied to the reference input. If the capacitance at
node VREF is small (CVREF < 0.01µF), the reference input
can tolerate large external resistances without reduction
in INL, see Figure 24. If the external capacitance is large
(CVREF > 0.01µF), the linearity will be degraded by
0.15ppm/
Ω independent of capacitance at VREF, see
Figure 25.
APPLICATIONS INFORMATION
RESISTANCE AT VREF (Ω)
0
0
100
200
300
400
500
600
200
400
600
800
2400 F22
1000
CVREF = 10µF
CVREF = 0.01µF
CVREF = 0.1µF
VCC = 5V
VREF = 5V
VIN = 5V
TA = 25°C
CVREF = 1µF
Figure 22. Full-Scale Error vs RVREF (Large C)
RESISTANCE AT VREF(Ω)
1
30
40
50
1k
2400 F23
20
10
10
100
100k
10k
0
–10
–20
VCC = 5V
VREF = 5V
VIN = 5V
TA = 25°C
CVREF = 100pF
CVREF = 1000pF
CVREF = 0.01µF
CVREF = 0pF
Figure 23. Full-Scale Error vs RVREF (Small C)
RESISTANCE AT VREF (Ω)
1
–10
0
10
20
30
40
50
10
100
1k
10k
2400 F24
100k
VCC = 5V
VREF = 5V
TA = 25°C
CVREF = 0pF
CVREF = 100pF
CVREF = 1000pF
CVREF = 0.01µF
Figure 24. INL Error vs RVREF (Small C)
RSOURCE (Ω)
0
–300
–250
–200
–150
–100
–50
0
200
400
600
800
2400 F21
1000
CIN = 0.01µF
VCC = 5V
VREF = 5V
VIN = 5V
TA = 25°C
CIN = 0.1µF
CIN = 1µF
CIN = 10µF
Figure 21. Full-Scale Error vs RSOURCE (Large C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com