Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2400CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2400CS8
Description  24-Bit uPower No Latency ADC in SO-8
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2400CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2400CS8 Datasheet HTML 11Page - Linear Technology LTC2400CS8 Datasheet HTML 12Page - Linear Technology LTC2400CS8 Datasheet HTML 13Page - Linear Technology LTC2400CS8 Datasheet HTML 14Page - Linear Technology LTC2400CS8 Datasheet HTML 15Page - Linear Technology LTC2400CS8 Datasheet HTML 16Page - Linear Technology LTC2400CS8 Datasheet HTML 17Page - Linear Technology LTC2400CS8 Datasheet HTML 18Page - Linear Technology LTC2400CS8 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
15
LTC2400
APPLICATIONS INFORMATION
External Serial Clock, Single Cycle Operation
(SPI/MICROWIRE Compatible)
This timing mode uses an external serial clock to shift out
the conversion result and a CS signal to monitor and
control the state of the conversion cycle, see Figure 5.
The serial clock mode is selected on the falling edge of CS.
To select the external serial clock mode, the serial clock pin
(SCK) must be LOW during each CS falling edge.
The serial data output pin (SDO) is HI-Z as long as CS is
HIGH. At any time during the conversion cycle, CS may be
pulled LOW in order to monitor the state of the converter.
While CS is pulled LOW, EOC is output to the SDO pin. EOC
= 1 while a conversion is in progress and EOC = 0 if the
device is in the sleep state. Independent of CS, the device
automatically enters the low power sleep state once the
conversion is complete.
When the device is in the sleep state (EOC = 0), its
conversion result is held in an internal static shift regis-
ter. The device remains in the sleep state until the first
rising edge of SCK is seen while CS is LOW. Data is shifted
out the SDO pin on each falling edge of SCK. This enables
external circuitry to latch the output on the rising edge of
SCK. EOC can be latched on the first rising edge of SCK
and the last bit of the conversion result can be latched on
the 32nd rising edge of SCK. On the 32nd falling edge of
SCK, the device begins a new conversion. SDO goes HIGH
(EOC = 1) indicating a conversion is in progress.
At the conclusion of the data cycle, CS may remain LOW
and EOC monitored as an end-of-conversion interrupt.
Alternatively, CS may be driven HIGH setting SDO to HI-Z.
As described above, CS may be pulled LOW at any time in
order to monitor the conversion status.
Typically, CS remains LOW during the data output state.
However, the data output state may be aborted by pulling
CS HIGH anytime between the first rising edge and the
32nd falling edge of SCK, see Figure 6. On the rising edge
of CS, the device aborts the data output state and imme-
diately initiates a new conversion. This is useful for sys-
tems not requiring all 32 bits of output data, aborting an
invalid conversion cycle or synchronizing the start of a
conversion.
EOC
BIT 31
SDO
SCK
(EXTERNAL)
CS
VCC
FO
VREF
SCK
VIN
SDO
GND
CS
VREF
0.1V TO VCC
VIN
–0.12VREF TO 1.12VREF
1
µF
2.7V TO 5.5V
LTC2400
TEST EOC
MSB
SUB LSB
EXR
SIG
BIT 0
LSB
BIT 4
BIT 27
BIT 26
BIT 28
BIT 29
BIT 30
SLEEP
DATA OUTPUT
CONVERSION
2400 F05
CONVERSION
= 50Hz REJECTION
= EXTERNAL OSCILLATOR
= 60Hz REJECTION
Hi-Z
Hi-Z
Hi-Z
VCC
TEST EOC
TEST EOC
Figure 5. External Serial Clock, Single Cycle Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com