Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2400CS8 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC2400CS8
Description  24-Bit uPower No Latency ADC in SO-8
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2400CS8 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC2400CS8 Datasheet HTML 26Page - Linear Technology LTC2400CS8 Datasheet HTML 27Page - Linear Technology LTC2400CS8 Datasheet HTML 28Page - Linear Technology LTC2400CS8 Datasheet HTML 29Page - Linear Technology LTC2400CS8 Datasheet HTML 30Page - Linear Technology LTC2400CS8 Datasheet HTML 31Page - Linear Technology LTC2400CS8 Datasheet HTML 32Page - Linear Technology LTC2400CS8 Datasheet HTML 33Page - Linear Technology LTC2400CS8 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
30
LTC2400
TYPICAL APPLICATIONS
Sample Driver for LTC2400 SPI Interface
The LTC2400 has a very simple serial interface that makes
interfacing to microprocessors and microcontrollers very
easy. Shown in Figures 32 and 34 are listings of sample
source codes that can be used to initiate conversions and
retrieve data from the LTC2400.
The listing in Figure 32 was created by Parallax, Inc. (916-
624-8333), for the BASIC Stamp. This code uses indi-
vidual port lines to control the LTC2400’s conversion and
'LTC2400
Sample Driver
'03/17/99
This program is an example showing how to access the
'
LTC2400 using the Basic Stamp2 from Parallax. Since
'
the BS2 is based on a 16-bit architecture, only the
'
upper 16 bits of the 24-bit result are displayed,
'
although all 24 bits are retrieved.
ADlo
var
word
'A/D result - lower 16 bits
ADhi
var
word
'A/D result - upper 8 bits
Ctr
var
byte
'loop counter
Temp
var
bit
'temporary bit used for shift
SDO
con
0
'Serial data connected to P0
SCK
con
1
'Serial clock connected to P1
CS
con
2
'Chip Select connected to P2
Pwr
con
3
'Stamp supplies power connected to P3
'(Uses only 0.3mA!)
Init
dira = $E
'Set up data direction
'Pwr, CS, and SCK are outputs
'SDO is an input
outa = $0
'Initialize outputs
'Pwr, CS, and SCK are low
pause 100
'Wait 100mS for I/O to settle
high Pwr
'Power up the LTC2400
pause 1
'Wait 1mS for power-on sequence
high CS
'Disable the device until we
Start
'wish to read it.
pause 125
'Eight times second
low CS
'Enable the LTC2400
for Ctr = 0 to 31
high SCK
'Cycle clock 32 times
gosub ShiftL
retrieve the 32-bit result. A fourth port line is used to
power the LTC2400, a vivid example of the converter’s
micropower operation. The program’s main sequence
activates the LTC2400’s serial interface, uses a loop to
retrieve the 32 conversion bits, and then places the
converter’s interface in a high impedance state and start-
ing the next conversion. All bits are retained in variables
ADlo and ADhi. The code can be found on their web site,
www.parallaxinc.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com